Electronic Components Datasheet Search
  English  ▼

X  

565709 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 565709
Description  Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

565709 Datasheet(HTML) 1 Page - Festo Corporation.

  565709 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plug
NECU-L3G8-C2-IS
Part number: 565709
General operating condition
Data sheet
Feature
Value
Explosion prevention and protection
Observe the information on the certificate
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Contact durability
100
Mounting position
Any
Product weight
55.5 g
Electrical connection
8-pin
Screw terminal
Plug, straight
DC operating voltage range
0 V ... 30 V
Current rating at 40° C
12 A
Surge resistance
4 kV
Connection cross section
0.2 mm² ... 2.5 mm²
Ambient temperature
-40 °C ... 85 °C
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Contamination level
3
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Housing material
PA
Housing colour
Blue
Material of pin contacts
Copper alloy
Tin-plated
6/3/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 565709

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
565703 FESTO-565703 Datasheet
84Kb / 1P
Connection block
565704 FESTO-565704 Datasheet
75Kb / 1P
Connection block
565705 FESTO-565705 Datasheet
84Kb / 1P
Connection block
565706 FESTO-565706 Datasheet
75Kb / 1P
Connection block
More results

Similar Description - 565709

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
5225 AMPHENOL-5225 Datasheet
77Kb / 1P
Straight, Plug to Plug or Plug to Jack
logo
Pasternack Enterprises,...
PE9305 PASTERNACK-PE9305 Datasheet
104Kb / 1P
SMC T PLUG-PLUG-PLUG
PE9310 PASTERNACK-PE9310 Datasheet
258Kb / 3P
SMB Tee Adapter Plug-Plug-Plug
logo
Winchester Electronics ...
KM-59-14 WINCHESTER-KM-59-14 Datasheet
31Kb / 1P
PLUG
logo
Rosenberger Hochfrequen...
16S101-S00L5 ROSENBERGER-16S101-S00L5 Datasheet
58Kb / 2P
FMC ADAPTOR PLUG-PLUG
16S102-S00L5 ROSENBERGER-16S102-S00L5 Datasheet
65Kb / 2P
FMC ADAPTOR PLUG-PLUG
28S101-S00N5 ROSENBERGER-28S101-S00N5 Datasheet
83Kb / 2P
ADAPTOR QMA PLUG -PLUG
32S103-S00L5 ROSENBERGER-32S103-S00L5 Datasheet
222Kb / 2P
ADAPTOR SMA PLUG ??PLUG
logo
Festo Corporation.
533780 FESTO-533780 Datasheet
60Kb / 1P
Plug
4/20/22
533783 FESTO-533783 Datasheet
70Kb / 1P
Plug
4/20/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com