Electronic Components Datasheet Search
  English  ▼

X  

42K1A025 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 42K1A025
Description  Male connector M8x1 angled, screw/ snap
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

42K1A025 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  42K1A025 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
dim. in mm
R
R
R
R
drawn
THIS DRAWING MAY NOT BE COPIED OR
REPRODUCED IN ANY WAY, AND MAY NOT
BE PASSED ON TO A THIRD PARTY WITHOUT
WRITTEN PERMISSION.
OWNERSHIP AND COPYRIGHT OF CONEC GmbH
appd.
tolerance of cable:
title:
dwg no:
part no:
name
date
42K1A025
Franz
09.10.07
09.10.07
Mankopf
L <= 4m: L + 40mm
L > 4m: L + 1%
Male connector M8x1 angled,
screw/ snap
see table
Index: a 17.03.11 VF Ä3945
Coupling screw modified, spanner flats
added, data sheet modified
A
Technical specification :
Rated voltage:
IEC 61076-2-104
Current rating:
IEC 61076-2-104
Insulation resistance:
IEC 60512
Pollution degree:
IEC 60664-1
Degree of protection:
IEC 60529
Temperature range:
IEC 60664-1
Mating cycles:
IEC 60512-9a
30 V
3 A at 40°C
>=100 M
3/2
IP 67, in mated
condition
-30°C ... +80°C
>=100
Materials:
Contact:
Contact plating:
Contact carrier:
Coupling screw:
Moulding body:
CuZn
Nickel, gold plated
TPU GF, UL 94
GD-Zn, nickel plated
TPU, UL 94, grey
Installation specification:
Recommended
torque:
Conec
installation tool:
0,4 Nm
Torque wrench:
36-000200
Insert across flats 9:
36-000210
D see data sheet cable
Width across
flats 9
D
n8
27
2
4
3
1
brown
white
blue
black
Contact assignment:
1
2
3
4
Description:
SAL - 8 - RSWU4 - 2 / K1
Cable:
Part no:
42-10124
42-10126
42-10125
SAL - 8 - RSWU4 - 5 / K1
SAL - 8 - RSWU4 - 3 / K1
TPU, UL 20549,
black, 4x0,25mm²
Cable: 781-K12400
Length L:
2m
5m
3m
42-10127
SAL - 8 - RSWU4 - 10 / K1
10m
SAL - 8 - RSWU4 - ... / K1
x
42-xxxxx


Similar Part No. - 42K1A025

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
42K1A020 CONEC-42K1A020 Datasheet
186Kb / 1P
Male connector M8x1 angled, screw/ snap
05.10.07
42K1A021 CONEC-42K1A021 Datasheet
183Kb / 1P
Stecker M8x1 gewinkelt, schraubbar/ schnappbar
05.10.07
42K1A022 CONEC-42K1A022 Datasheet
186Kb / 1P
Stecker M8x1 axial schraubbar/ schnappbar
09.10.07
42K1A023 CONEC-42K1A023 Datasheet
186Kb / 1P
Male connector M8x1 axial screw/ snap
09.10.07
42K1A024 CONEC-42K1A024 Datasheet
185Kb / 1P
Stecker M8x1 gewinkelt, schraubbar/ schnappbar
09.10.07
More results

Similar Description - 42K1A025

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-00103 CONEC-43-00103 Datasheet
141Kb / 1P
Male connector M12x1 field attachable, angled, screw connection
43K1A837 CONEC-43K1A837 Datasheet
264Kb / 1P
Male connector M12x1, field attachable, angled, screw connection
logo
Wurth Elektronik GmbH &...
6180XX325323 WURTH-6180XX325323 Datasheet
479Kb / 3P
D-SUB MALE HIGH DENSITY ANGLED PCB CONNECTOR WITHOUT SCREW
J 04-OCT-18
logo
CONEC Elektronische Bau...
15-000753 CONEC-15-000753 Datasheet
269Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with metal bracket, hexlocking screw and snap
23.10.08
15-000763 CONEC-15-000763 Datasheet
264Kb / 2P
D-SUB MALE 90° 37pos. SOLDER PIN ANGLED with metal bracket, hexlocking screw and snap
23.10.08
15-000813 CONEC-15-000813 Datasheet
183Kb / 2P
D-SUB MALE 90° 9pos. SOLDER PIN ANGLED with metal bracket, hexlocking screw and snap
23.10.08
15-000823 CONEC-15-000823 Datasheet
250Kb / 2P
D-SUB MALE 90° 15pos. SOLDER PIN ANGLED with metal bracket, hexlocking screw and snap
15.09.08
15-000833 CONEC-15-000833 Datasheet
263Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with metal bracket, hexlocking screw and snap
23.10.08
15-002133 CONEC-15-002133 Datasheet
289Kb / 2P
D-SUB MALE 90° 50pos. SOLDER PIN ANGLED metal bracket, hexlocking screw,snap, fixing plate
08.12.09
15-002153 CONEC-15-002153 Datasheet
296Kb / 2P
D-SUB MALE 90° 50pos. SOLDER PIN ANGLED metal bracket, hexlocking screw, snap, fixing plate
08.12.09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com