Electronic Components Datasheet Search
  English  ▼

X  

SA6.0 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # SA6.0
Description  500W, 5V - 170V Transient Voltage Suppressor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA6.0 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  SA6.0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA6.0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA6.0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA6.0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA6.0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SA6.0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SA6.0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd SA6.0 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd SA6.0 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SA SERIES
Taiwan Semiconductor
7
Version: L2105
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.5 Maximum Non-Repetitive Forward Surge Current
10
100
1
10
100
8.3ms single half sine wave
UNIDIRECTIONAL ONLY
NUMBER OF CYCLES AT 60 Hz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com