Electronic Components Datasheet Search
  English  ▼

X  

LT1374 Datasheet(PDF) 27 Page - Linear Technology

Part # LT1374
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1374 Datasheet(HTML) 27 Page - Linear Technology

Back Button LT1374 Datasheet HTML 23Page - Linear Technology LT1374 Datasheet HTML 24Page - Linear Technology LT1374 Datasheet HTML 25Page - Linear Technology LT1374 Datasheet HTML 26Page - Linear Technology LT1374 Datasheet HTML 27Page - Linear Technology LT1374 Datasheet HTML 28Page - Linear Technology LT1374 Datasheet HTML 29Page - Linear Technology LT1374 Datasheet HTML 30Page - Linear Technology LT1374 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LT1374
1374fb
APPLICATIONS INFORMATION
This says that discontinuous mode can be used and the
minimum inductor needed is found from:
LH
MIN =
()( )
()
=
25 1
500 10
4 5
1
3
2
•.
µ
In practice, the inductor should be increased by about 30%
over the calculated minimum to handle losses and varia-
tions in value. This suggests a minimum inductor of 1.3
µH
for this application, but looking at the ripple voltage chart
shows that output ripple voltage could be reduced by a fac-
tor of two by using a 15
µHinductor.Thereisnoruleofthumb
here to make a final decision. If modest ripple is needed and
the larger inductor does the trick, go for it. If ripple is non-
critical use the smaller inductor. If ripple is extremely criti-
cal, a second filter may have to be added in any case, and
the lower value of inductance can be used. Keep in mind
that the output capacitor is the other critical factor in deter-
mining output ripple voltage. Ripple shown on the graph
(Figure 16) is with two parallel capacitor’s ESR of 0.1
Ω.This
is reasonable for AVX type TPS “D” or “E” size surface mount
solid tantalum capacitors, but the final capacitor chosen
must be looked at carefully for ESR characteristics.
Ripple Current in the Input and Output Capacitors
Positive-to-negative converters have high ripple current in
both the input and output capacitors. For long capacitor
lifetime, the RMS value of this current must be less than
the high frequency ripple current rating of the capacitor.
The following formula will give an
approximate value for
RMS ripple current.
This formula assumes continuous
mode and large inductor value. Small inductors will give
somewhat higher ripple current, especially in discontinu-
ous mode. The exact formulas are very complex and
appear in Application Note 44, pages 30 and 31. For our
purposes here I have simply added a fudge factor (ff). The
value for ff is about 1.2 for higher load currents and
L
≥10µH. It increases to about 2.0 for smaller inductors at
lower load currents.
Capacitor
ff I
V
V
OUT
OUT
IN
IRMS =
()( )
ff = Fudge factor (1.2 to 2.0)
Diode Current
Average diode current is equal to load current. Peak diode
current will be considerably higher.
Peak diode current:
Continuous
I
VV
V
VV
Lf V
V
Discontinuous
V
Lf
OUT
IN
OUT
IN
IN
OUT
IN
OUT
OUT
Mode
Mode =
2IOUT
=
+
()
+
()( )
()( ) +
()
()( )
()( )
2
Keep in mind that during start-up and output overloads,
average diode current may be much higher than with
normal loads. Care should be used if diodes rated less than
3A are used, especially if continuous overload conditions
must be tolerated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com