Electronic Components Datasheet Search
  English  ▼

X  

SB620F Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SB620F
Description  6.0A SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB620F Datasheet(HTML) 2 Page - Won-Top Electronics

  SB620F Datasheet HTML 1Page - Won-Top Electronics SB620F Datasheet HTML 2Page - Won-Top Electronics SB620F Datasheet HTML 3Page - Won-Top Electronics SB620F Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: September, 2012
SB620F – SB6100F
WON-TOP ELECTRONICS
®
0
TC, CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
15
30
45
60
75
90 105 120 135 150
0
1.5
3.0
4.5
6.0
7.5
Resistive or
Inductive Load
0
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
0.2
0.4
0.6
0.8
1.0
0.1
1.0
10
100
1
NUMBER OF CYCLES AT 60Hz
Fig. 3 Forward Surge Current Derating Curve
10
100
0
15
30
45
60
75
0
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
20
40
60
80
100
120
140
0.001
0.01
0.1
1.0
10
100
Single Half-Sine-Wave
JEDEC Method
TJ = 25°C
TJ = 125°C
0.1
VR, DC REVERSE VOLTAGE (V)
Fig. 6 Typical Junction Capacitance
1
10
100
0
f = 1MHz
100
200
300
400
500
0
IF(AV), AVERAGE FORWARD CURRENT (A)
Fig. 5 Forward Power Dissipation
4
6
8
0
1
2
3
4
5
2
10
DC, TJ = 150°C
TJ = 75°C
SB620F – SB645F
SB680F – SB6100F
SB650F – SB660F
Pulse Width = 300µs
1% Duty Cycle
TJ = 25°C
SB680F – SB6100F
SB620F – SB645F
SB650F – SB660F
SB680F – SB6100F
SB620F – SB645F
SB650F – SB660F
1
3
5
7
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com