Electronic Components Datasheet Search
  English  ▼

X  

1708006 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1708006
Description  MKDSN 2,5/18 - PCB terminal block
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1708006 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1708006 Datasheet HTML 1Page - PHOENIX CONTACT 1708006 Datasheet HTML 2Page - PHOENIX CONTACT 1708006 Datasheet HTML 3Page - PHOENIX CONTACT 1708006 Datasheet HTML 4Page - PHOENIX CONTACT 1708006 Datasheet HTML 5Page - PHOENIX CONTACT 1708006 Datasheet HTML 6Page - PHOENIX CONTACT 1708006 Datasheet HTML 7Page - PHOENIX CONTACT 1708006 Datasheet HTML 8Page - PHOENIX CONTACT 1708006 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 18, number of rows: 1, number of positions per row: 18, product
range: MKDSN 2,5, pitch: 5 mm, connection method: Screw connection with tension sleeve,
screw head form: H1L Slotted Phillips recess, mounting: Wave soldering, conductor/PCB
connection direction: 0 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number
of solder pins per potential: 1, type of packaging: packed in cardboard. The article can be aligned
to create different nos. of positions!
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Extremely small design for the respective conductor cross section
•
Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
•
The latching on the side enables various numbers of positions to be combined
•
Commercial data
Item number
1708006
Packing unit
50 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
AAMFHD
GTIN
4046356071475
Weight per piece (including packing)
27.06 g
Weight per piece (excluding packing)
26.193 g
Country of origin
CN
MKDSN 2,5/18 - PCB terminal block
1708006
https://www.phoenixcontact.com/us/products/1708006
Apr 17, 2024, 5:06 AM
Page 1 (14)


Similar Part No. - 1708006

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1708004 PHOENIX-1708004 Datasheet
148Kb / 4P
Feed-through header - PTSM 0,5/ 2-HH-2,5-SMD WH R32
12/02/2018
1708005 PHOENIX-1708005 Datasheet
164Kb / 7P
Feed-through header - PTSM 0,5/ 3-HH-2,5-SMD WH R32
1708007 PHOENIX-1708007 Datasheet
171Kb / 7P
Feed-through header - PTSM 0,5/ 4-HH-2,5-SMD WH R32
1708008 PHOENIX-1708008 Datasheet
160Kb / 7P
Feed-through header - PTSM 0,5/ 5-HH-2,5-SMD WH R32
More results

Similar Description - 1708006

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1931644 PHOENIX-1931644 Datasheet
158Kb / 8P
PCB terminal block - MKDSN 2,5/ 5-5,08
1932805 PHOENIX-1932805 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 2 BK
1946228 PHOENIX-1946228 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 2 KMGY
1989405 PHOENIX-1989405 Datasheet
61Kb / 4P
PCB terminal block - MKDSN 2,5/ 6-5,08
1991341 PHOENIX-1991341 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/10-5,08
1938317 PHOENIX-1938317 Datasheet
115Kb / 5P
PCB terminal block - MKDSN 2,5/ 4 BK
11/05/2018
1905120 PHOENIX-1905120 Datasheet
428Kb / 14P
PCB terminal block - MKDSN 2,5/ 6
Sep 8, 2022
1905683 PHOENIX-1905683 Datasheet
416Kb / 13P
PCB terminal block - MKDSN 2,5/ 5
Sep 8, 2022
1829713 PHOENIX-1829713 Datasheet
455Kb / 12P
MKDSN 2,5/12-5,08 - PCB terminal block
1930179 PHOENIX-1930179 Datasheet
427Kb / 14P
MKDSN 2,5/12 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com