Electronic Components Datasheet Search
  English  ▼

X  

REF2920 Datasheet(PDF) 13 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF2920
Description  100ppm/째C, 50關A in SOT23-3 CMOS VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF2920 Datasheet(HTML) 13 Page - Burr-Brown (TI)

Back Button REF2920 Datasheet HTML 8Page - Burr-Brown (TI) REF2920 Datasheet HTML 9Page - Burr-Brown (TI) REF2920 Datasheet HTML 10Page - Burr-Brown (TI) REF2920 Datasheet HTML 11Page - Burr-Brown (TI) REF2920 Datasheet HTML 12Page - Burr-Brown (TI) REF2920 Datasheet HTML 13Page - Burr-Brown (TI) REF2920 Datasheet HTML 14Page - Burr-Brown (TI) REF2920 Datasheet HTML 15Page - Burr-Brown (TI) REF2920 Datasheet HTML 16Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF2912AIDBZR
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2912AIDBZT
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2920AIDBZR
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2920AIDBZT
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2925AIDBZR
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2925AIDBZT
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2930AIDBZR
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2930AIDBZT
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2933AIDBZR
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2933AIDBZT
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2940AIDBZR
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
REF2940AIDBZT
DBZ
3
NSE
177
8
3.15
2.95
1.22
4
8
NONE
TAPE AND REEL BOX INFORMATION
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
REF2912AIDBZR
DBZ
3
NSE
195.0
200.0
45.0
REF2912AIDBZT
DBZ
3
NSE
195.0
200.0
45.0
REF2920AIDBZR
DBZ
3
NSE
195.0
200.0
45.0
REF2920AIDBZT
DBZ
3
NSE
195.0
200.0
45.0
REF2925AIDBZR
DBZ
3
NSE
195.0
200.0
45.0
REF2925AIDBZT
DBZ
3
NSE
195.0
200.0
45.0
REF2930AIDBZR
DBZ
3
NSE
195.0
200.0
45.0
REF2930AIDBZT
DBZ
3
NSE
195.0
200.0
45.0
REF2933AIDBZR
DBZ
3
NSE
195.0
200.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
7-May-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com