Electronic Components Datasheet Search
  English  ▼

X  

PCTMI Datasheet(PDF) 1 Page - PCTEL, Inc.

Part # PCTMI
Description  Low-Profile Access Point Antennas for Broadband Wireless
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCTEL [PCTEL, Inc.]
Direct Link  https://www.pctel.com/
Logo PCTEL - PCTEL, Inc.

PCTMI Datasheet(HTML) 1 Page - PCTEL, Inc.

  PCTMI Datasheet HTML 1Page - PCTEL, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IN-BUILDING ANTENNAS
PCTEL, Inc. WEB: www.antenna.com
PCTEL’s very low-profile antennas are optimized for operation with Reverse Polarity
TNC and SMA compatible broadband wireless MIMO (802.11n) access points
operating at 2.4 GHz and/or 5 GHz frequencies. Their rugged, UV-resistant housing
makes them suitable for use in a wide variety of indoor applications, including office
LAN environments, factory floors, and retail establishments.
Features
• Omnidirectional antenna for indoor operation
• Outstanding performance in a very low-profile housing
• White UL94 V0 plastic housing
• Built directly on an RP-TNC or RP-SMA plug connector
• No more than 1-1/2” long including the connector
Low-Profile Access Point Antennas for
Broadband Wireless
PCTMI
Access Point Low-Profile Antennas, Single Band 802.11a, b/n, ac
ELECTRICAL SPECIFICATIONS - RF ANTENNA
Model
Frequency
Range
Gain
VSWR
Azimuth Half
Power Beamwidth
Elevation Half
Power Beamwidth
Average
Power
Nominal
Impedance
Polarization
PCTMI2458-RPSMA 2.400-2.500 GHz,
5.150-5.925 GHz
2.2 dBi,
4.0 dBi
< 2.0:1
360°
45°, 35°
10 watts
50 ohms
Vertical, linear
STANDARD CONFIGURATION
Model
Connector
Mount
PCTMI2458-RPSMA
Reverse Polarity SMA Male Inside Thread/Center Receptacle
Direct Access Point Mount (all models)
PCTMI2458-RPSMA
MECHANICAL & ENVIRONMENTAL SPECIFICATIONS
Dimensions
Housing Material
Temperature Range
1.7 L x 0.75 OD in (4.3 L x 1.9 cm)
PC
0°C to +55°C
RoHS
COMPLIANT
131


Similar Part No. - PCTMI

ManufacturerPart #DatasheetDescription
logo
PCTEL, Inc.
PCTMI2458-RPC PCTEL-PCTMI2458-RPC Datasheet
162Kb / 1P
Low-Profile Access Point Antenna for Broadband Wireless
2019
More results

Similar Description - PCTMI

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
Wireless broadband access
logo
Level One
WAP-3000 LVL1-WAP-3000 Datasheet
212Kb / 3P
11g Wireless Access Point
logo
Weidmuller
2536600000 WEIDMULLER-2536600000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536650000 WEIDMULLER-2536650000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536660000 WEIDMULLER-2536660000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536670000 WEIDMULLER-2536670000 Datasheet
239Kb / 4P
Wireless Access Point/Client
2536680000 WEIDMULLER-2536680000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
2536700000 WEIDMULLER-2536700000 Datasheet
242Kb / 5P
Wireless Access Point/Bridge/Client
logo
PCTEL, Inc.
PCTMI2458-RPC PCTEL-PCTMI2458-RPC Datasheet
162Kb / 1P
Low-Profile Access Point Antenna for Broadband Wireless
2019
logo
Vaisala
AP10 VAISALA-AP10 Datasheet
190Kb / 3P
AP10 VaiNet Wireless Access Point
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com