Electronic Components Datasheet Search
  English  ▼

X  

RB520S40 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # RB520S40
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

RB520S40 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  RB520S40 Datasheet HTML 1Page - Pan Jit International Inc. RB520S40 Datasheet HTML 2Page - Pan Jit International Inc. RB520S40 Datasheet HTML 3Page - Pan Jit International Inc. RB520S40 Datasheet HTML 4Page - Pan Jit International Inc. RB520S40 Datasheet HTML 5Page - Pan Jit International Inc. RB520S40 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
May 17,2016-REV.02
RB520S40
ELECTRICAL CHARACTERISTICS@TA=25oC unless otherwise specified
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (Note 2)
I R=10
μAVBR(R)40
-
-
V
Forward Voltage Drop
I F=20mA
I F=200mA
VF
--
0.37
0.6
V
Peak Reverse Current (Note 2)
VR=30V
VR=10V
I R
--
5
1
μA
Total Capacitance
VR=0V,f=1MHz
CT
-50
-
pF
Reverse Recovery Time
I F=I R=200mA,
I RR=0.1 x I R, RL=100
Ω
TRR
-10
-
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com