Electronic Components Datasheet Search
  English  ▼

X  

1374 Datasheet(PDF) 1 Page - Linear Technology

Part # 1374
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1374 Datasheet(HTML) 1 Page - Linear Technology

  1374 Datasheet HTML 1Page - Linear Technology 1374 Datasheet HTML 2Page - Linear Technology 1374 Datasheet HTML 3Page - Linear Technology 1374 Datasheet HTML 4Page - Linear Technology 1374 Datasheet HTML 5Page - Linear Technology 1374 Datasheet HTML 6Page - Linear Technology 1374 Datasheet HTML 7Page - Linear Technology 1374 Datasheet HTML 8Page - Linear Technology 1374 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LT1374
1374fb
4.5A, 500kHz Step-Down
Switching Regulator
s
Constant 500kHz Switching Frequency
s
High Power 16-Pin TSSOP Package Available
s
Uses All Surface Mount Components
s
Inductor Size Reduced to 1.8
µH
s
Saturating Switch Design: 0.07
Ω
s
Effective Supply Current: 2.5mA
s
Shutdown Current: 20
µA
s
Cycle-by-Cycle Current Limiting
s
Easily Synchronizable
The LT
®1374 is a 500kHz monolithic buck mode switching
regulator. A 4.5A switch is included on the die along with
all the necessary oscillator, control and logic circuitry. High
switching frequency allows a considerable reduction in the
size of external components. The topology is current mode
for fast transient response and good loop stability. Both
fixed output voltage and adjustable parts are available.
A special high speed bipolar process and new design tech-
niques achieve high efficiency at high switching frequency.
Efficiency is maintained over a wide output current range
by using the output to bias the circuitry and by utilizing a
supply boost capacitor to saturate the power switch.
The LT1374 is available in standard 7-pin DD, TO-220, fused
lead SO-8 and 16-pin exposed pad TSSOP packages. Full
cycle-by-cycle short-circuit protection and thermal shut-
down are provided. Standard surface mount external parts
may be used, including the inductor and capacitors. There
is the optional function of shutdown or synchronization. A
shutdown signal reduces supply current to 20
µA.Synchro-
nization allows an external logic level signal to increase the
internal oscillator from 580kHz to 1MHz.
, LTC and LT are registered trademarks of Linear Technology Corporation.
5V Buck Converter
LOAD CURRENT (A)
0
100
95
90
85
80
75
70
2.0
2.5
3.0
3.5
1374 TA02
0.5
1.0
1.5
4.0
VOUT = 5V
VIN = 10V
L = 10
µH
Efficiency vs Load Current
BOOST
LT1374-5
VIN
SHDN
OUTPUT**
5V, 4.25A
* RIPPLE CURRENT RATING
≥ IOUT/2
** INCREASE L1 TO 10
µH FOR LOAD CURRENTS ABOVE 3.5A AND TO 20µH ABOVE 4A
SEE APPLICATIONS INFORMATION
INPUT
6V TO 25V
1374 TA01
C2
0.27
µF
CC
1.5nF
D1
MBRS330T3
C1
100
µF, 10V
SOLID
TANTALUM
C3*
10
µF TO
50
µF
DEFAULT
= ON
D2
CMDSH3 OR FMMD914
L1**
5
µH
VSW
SENSE
BIAS
GND
VC
+
+
s
Portable Computers
s
Battery-Powered Systems
s
Battery Chargers
s
Distributed Power
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - 1374

ManufacturerPart #DatasheetDescription
logo
Heyco.
1374 HEYCO-1374 Datasheet
95Kb / 1P
Original Strain Relief Bushings
logo
Adafruit Industries
1374 ADAFRUIT-1374 Datasheet
109Kb / 2P
Standalone Momentary Capacitive Touch Sensor Breakout AT42QT1010
logo
CEE Norm UK Ltd
1374 CEENORM-1374 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
1374-1 ETC2-1374-1 Datasheet
485Kb / 1P
MICRO PINS
1374-2 ETC2-1374-2 Datasheet
485Kb / 1P
MICRO PINS
More results

Similar Description - 1374

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1506 LINER-LT1506 Datasheet
417Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1959 LINER-LT1959 Datasheet
292Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1936 LINER-LT1936 Datasheet
298Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
RH1959MILDICE LINER-RH1959MILDICE_15 Datasheet
103Kb / 2P
4.5A, 500KHz Step-Down Switching Regulator
LT1936 LINER-LT1936_15 Datasheet
304Kb / 20P
1.4A, 500kHz Step-Down Switching Regulator
LT1959 LINER-LT1959_15 Datasheet
303Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
LT1374 LINER-LT1374_15 Datasheet
708Kb / 32P
4.5A, 500kHz Step-Down Switching Regulator
LT1506 LINER-LT1506_15 Datasheet
305Kb / 24P
4.5A, 500kHz Step-Down Switching Regulator
logo
Anaren Microwave
MSK5032 ANAREN-MSK5032 Datasheet
930Kb / 9P
4.5A,500KHz STEP DOWN SWITCHING REGULATOR CONTROLLER
MSK5059RH ANAREN-MSK5059RH Datasheet
575Kb / 9P
RAD HARD 4.5A, 500KHZ STEP DOWN SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com