Electronic Components Datasheet Search
  English  ▼

X  

8032309 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8032309
Description  Distributor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8032309 Datasheet(HTML) 2 Page - Festo Corporation.

  8032309 Datasheet HTML 1Page - Festo Corporation. 8032309 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Bending radius 1, flexible cable installation
46 mm
Bending radius 2, flexible cable installation
39 mm
Cable diameter 1
4.5 mm
Cable diameter 2
3.8 mm
Nominal conductor cross section
0.25 mm²
Degree of protection
IP65
IP68
IP69K
Ambient temperature
-25 °C ... 80 °C
Note on ambient temperature
-10 - 40 °C when mounted via through-hole
Ambient temperature with flexible cable installation
-20 °C ... 80 °C
Storage temperature
-25 °C ... 80 °C
CE marking (see declaration of conformity)
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Halogen-free
Free of phosphoric acid ester
Contamination level
3
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Material of cable sheath
TPE-U(PUR)
Color cable sheath
Gray
Housing material
PA
PC
TPE-U(PUR)
Housing colour
Black
Material of union nut
Brass, nickel-plated
Seals material
NBR
Material of pin contacts
Copper alloy, gold-plated
Threaded sleeve material
Brass, nickel-plated
6/4/24 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com