Electronic Components Datasheet Search
  English  ▼

X  

3745SN Datasheet(PDF) 17 Page - Linear Technology

Part # 3745SN
Description  4.5A, 500kHz Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

3745SN Datasheet(HTML) 17 Page - Linear Technology

Back Button 3745SN Datasheet HTML 13Page - Linear Technology 3745SN Datasheet HTML 14Page - Linear Technology 3745SN Datasheet HTML 15Page - Linear Technology 3745SN Datasheet HTML 16Page - Linear Technology 3745SN Datasheet HTML 17Page - Linear Technology 3745SN Datasheet HTML 18Page - Linear Technology 3745SN Datasheet HTML 19Page - Linear Technology 3745SN Datasheet HTML 20Page - Linear Technology 3745SN Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
LT1374
1374fb
VOUT
VIN
GND
C3
D1
C1
1374 F05b
C1
R1
R2
D2
R3
C2
C4
KELVIN
SENSE
OUTPUT
SOLDER EXPOSED PAD AND
USE FEEDTHROUGHS FOR
BETTER THERMAL CONDUCTIVITY
KEEP FB AND VC
COMPONENTS AWAY
FROM HIGH FREQUENCY,
HIGH CURRENT
COMPONENTS
APPLICATIONS INFORMATION
Figure 5b. Suggested Layout (Topside Only Shown) TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com