Electronic Components Datasheet Search
  English  ▼

X  

NRSJ Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NRSJ
Description  Miniature Aluminum Electrolytic Ca pac i tors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSJ Datasheet(HTML) 2 Page - NIC-Components Corp.

  NRSJ Datasheet HTML 1Page - NIC-Components Corp. NRSJ Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
110
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
111
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
STANDARD PRODUCT AND CASE SIZE TABLE DΦ x L (mm)
NRSJ Series
Miniature Aluminum Electrolytic Capacitors
DIAMETER AND LEADSPACE (mm)
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
D
φ ± α
4mm
Min.
15mm Min.
L +
β max.
Polarity Marking
Size (D
∅ x L)
Tape and Box*
NRSJ 102 M 25V 10x20
Series
TB
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBER SYSTEM
*see tape specification for details
Cap
(
µF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
100
101
-
-
-
-
-
8x11.5
121
121
-
-
-
-
-
8x11.5
150
151
-
-
-
-
8x11.5
10x12.5
180
181
-
-
-
-
-
10x12.5
220
22
-
-
-
8x11.5
8x11.5
8x20
10x12.5
10x16
270
271
-
-
-
-
-
8x20
10x16
10x20
330
331
-
-
8x11.5
8x11.5
8x20
10x20
10x12.5 10x12.5
-
10x16
390
291
-
-
-
-
8x20
-
10x16
470
471
-
8x11.5
8x11.5
8x20
10x20
-
10x12.5 10x12.5
-
10x16
560
561
8x11.5
-
-
-
10x20
-
680
681
-
8x11.5
8x20
8x20
-
-
10x12.5 10x12.5
10x16
-
10x16
10x20
1000
102
8x11.5
8x20
8x20
10x20
-
-
10x12.5 10x12.5
10x16
-
10x16
10x20
1500
152
8x20
8x20
10x20
-
-
-
10x12.5
10x16
10x16
10x20
2200
222
8x20
10x20
-
-
-
-
10x16
10x20
2700
272
10x20
-
-
-
-
-
Case Dia. (D
φ)
8
10
Lead Dia. (d
φ)
0.6 0.6
Lead Spacing (F)
3.5 5.0
Dim.
α
0.5 0.5
β = L < 16mm = 1.5mm, L > 20mm = 2.0mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com