Electronic Components Datasheet Search
  English  ▼

X  

BCC00RH Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCC00RH
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC00RH Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCC00RH Datasheet HTML 1Page - Balluff Korea Ltd. BCC00RH Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BIS Z-501-PU1-25/E
Order Code: BCC00RH
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 280026
ETIM 6.0: EC001855
BCC00RH_0.57_2023-12-20
2 / 2
Remarks
Cable construction acc. to UL-AWM Style 20549
Halogen-free per DIN VDE 0472 Part 815
Flame resistance acc. to IEC 60332-1
Flame resistance per UL FT2
Oil resistant per DIN VDE 0472 Part 803
Tin plated copper braiding, optical coverage min. 85%
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
1x M12 coupling 8-conductor molded, straight with open cable end plus included 1x M12 connector 8-conductor, straight, for user assembly
Connection cable: For all BIS L/M/S-3xx read/write heads with 8-pin connector for connecting to BIS L/M/S-6xxx and BIS M-407. Cable can be trimmed to
required length.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com