Electronic Components Datasheet Search
  English  ▼

X  

1702363 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1702363
Description  MKDSN 2,5/17-5,08 - PCB terminal block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1702363 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1702363 Datasheet HTML 1Page - PHOENIX CONTACT 1702363 Datasheet HTML 2Page - PHOENIX CONTACT 1702363 Datasheet HTML 3Page - PHOENIX CONTACT 1702363 Datasheet HTML 4Page - PHOENIX CONTACT 1702363 Datasheet HTML 5Page - PHOENIX CONTACT 1702363 Datasheet HTML 6Page - PHOENIX CONTACT 1702363 Datasheet HTML 7Page - PHOENIX CONTACT 1702363 Datasheet HTML 8Page - PHOENIX CONTACT 1702363 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 17, number of rows: 1, number of positions per row: 17, product
range: MKDSN 2,5, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: H1L Slotted Phillips recess, mounting: Wave soldering, conductor/PCB
connection direction: 0 °, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number
of solder pins per potential: 1, type of packaging: packed in cardboard. The article can be aligned
to create different nos. of positions!
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Extremely small design for the respective conductor cross section
•
Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
•
The latching on the side enables various numbers of positions to be combined
•
Commercial data
Item number
1702363
Packing unit
50 pc
Minimum order quantity
1 pc
Product key
AAMFHC
GTIN
4046356583978
Weight per piece (including packing)
25.621 g
Weight per piece (excluding packing)
25.62 g
Country of origin
DE
MKDSN 2,5/17-5,08 - PCB terminal block
1702363
https://www.phoenixcontact.com/us/products/1702363
Apr 17, 2024, 5:08 AM
Page 1 (12)


Similar Part No. - 1702363

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702367 PHOENIX-1702367 Datasheet
181Kb / 9P
Printed-circuit board connector - MCD 1,5/ 6-G1-3,81 OG
More results

Similar Description - 1702363

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1800881 PHOENIX-1800881 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 2-5,08 BK
1800882 PHOENIX-1800882 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 3-5,08 BK
1800883 PHOENIX-1800883 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 4-5,08 BK
1891357 PHOENIX-1891357 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 3-5,08 (1,3)
1931644 PHOENIX-1931644 Datasheet
158Kb / 8P
PCB terminal block - MKDSN 2,5/ 5-5,08
1989405 PHOENIX-1989405 Datasheet
61Kb / 4P
PCB terminal block - MKDSN 2,5/ 6-5,08
1991338 PHOENIX-1991338 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/ 7-5,08
1991341 PHOENIX-1991341 Datasheet
59Kb / 4P
PCB terminal block - MKDSN 2,5/10-5,08
1829713 PHOENIX-1829713 Datasheet
455Kb / 12P
MKDSN 2,5/12-5,08 - PCB terminal block
1701013 PHOENIX-1701013 Datasheet
470Kb / 12P
MKDSN 1,5/17 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com