Electronic Components Datasheet Search
  English  ▼

X  

1707331 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1707331
Description  MKDS 3/ 9-5,08 - PCB terminal block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1707331 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1707331 Datasheet HTML 1Page - PHOENIX CONTACT 1707331 Datasheet HTML 2Page - PHOENIX CONTACT 1707331 Datasheet HTML 3Page - PHOENIX CONTACT 1707331 Datasheet HTML 4Page - PHOENIX CONTACT 1707331 Datasheet HTML 5Page - PHOENIX CONTACT 1707331 Datasheet HTML 6Page - PHOENIX CONTACT 1707331 Datasheet HTML 7Page - PHOENIX CONTACT 1707331 Datasheet HTML 8Page - PHOENIX CONTACT 1707331 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 9, number of rows: 1, number of positions per row: 9, product range:
MKDS 3, pitch: 5.08 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. The article can be aligned to create different nos. of
positions!
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
•
The latching on the side enables various numbers of positions to be combined
•
Commercial data
Item number
1707331
Packing unit
50 pc
Minimum order quantity
1 pc
Product key
AAMFIB
GTIN
4017918229122
Weight per piece (including packing)
18.1 g
Weight per piece (excluding packing)
17.4 g
Country of origin
DE
MKDS 3/ 9-5,08 - PCB terminal block
1707331
https://www.phoenixcontact.com/us/products/1707331
Apr 17, 2024, 5:08 AM
Page 1 (13)


Similar Part No. - 1707331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707308 PHOENIX-1707308 Datasheet
79Kb / 4P
Base strip - MCV 1,5/11-GF-3,81 P14 THR
1707311 PHOENIX-1707311 Datasheet
79Kb / 4P
Base strip - MCV 1,5/12-GF-3,81 P14 THR
1707324 PHOENIX-1707324 Datasheet
72Kb / 4P
Base strip - MCV 1,5/ 6-GFR-3,81 P14 THR
1707327 PHOENIX-1707327 Datasheet
74Kb / 3P
MC 1,5/ 3-ST-3,81 BKBDWH:-
1707344 PHOENIX-1707344 Datasheet
83Kb / 5P
PCB terminal block - ZFKDS 1-V-3,81
More results

Similar Description - 1707331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701144 PHOENIX-1701144 Datasheet
146Kb / 8P
PCB terminal block - MKDS 3/ 6-5,08
1711835 PHOENIX-1711835 Datasheet
101Kb / 6P
PCB terminal block - MKDS 3/ 3-5,08 BU
1730405 PHOENIX-1730405 Datasheet
109Kb / 6P
PCB terminal block - MKDS 2,5/ 3-5,08
1730463 PHOENIX-1730463 Datasheet
99Kb / 6P
PCB terminal block - MKDS 2,5/ 9-5,08
1733842 PHOENIX-1733842 Datasheet
56Kb / 5P
PCB terminal block - MKDS 3/ 9
1718414 PHOENIX-1718414 Datasheet
155Kb / 12P
PCB terminal block - MKDS 3/10-5,08
09/11/2020
1758658 PHOENIX-1758658 Datasheet
367Kb / 10P
PCB terminal block - MKDS 3/ 7-5,08
Dec 30, 2022
1715815 PHOENIX-1715815 Datasheet
425Kb / 12P
PCB terminal block - MKDS 1,5/ 9-5,08
Jan 10, 2023
1905201 PHOENIX-1905201 Datasheet
432Kb / 13P
PCB terminal block - MKDS 3/ 5-5,08
1714308 PHOENIX-1714308 Datasheet
441Kb / 13P
MKDS 3/12-5,08 - PCB terminal block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com