Electronic Components Datasheet Search
  English  ▼

X  

MMBD330W Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MMBD330W
Description  SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMBD330W Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MMBD330W Datasheet HTML 1Page - Pan Jit International Inc. MMBD330W Datasheet HTML 2Page - Pan Jit International Inc. MMBD330W Datasheet HTML 3Page - Pan Jit International Inc. MMBD330W Datasheet HTML 4Page - Pan Jit International Inc. MMBD330W Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
REV.0.1-FEB.27.2009
ELECTRICAL CHARACTERISTICS CURVES
ELECTRICAL CHARACTERISTICS (T
J=25
O
C unless otherwise noted)
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
n
o
it
i
d
n
o
C
t
s
e
T
.
n
i
M
.
p
y
T
.
x
a
M
s
ti
n
U
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
V
)
R
B
(
I
R
0
1
= µA
0
3
-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
I
R
V
R
V
5
2
=
-
-
2
.
0
µA
e
g
a
tl
o
V
d
r
o
w
r
o
F
V
F
I
F
A
m
0
.
1
=
-
-
5
4
.
0
V
e
g
a
tl
o
V
d
r
o
w
r
o
F
V
F
I
F
A
m
0
1
=
-
-
6
.
0
V
e
c
n
a
ti
c
a
p
a
C
l
a
t
o
T
C
J
V
R
z
H
M
0
.
1
=
f
,
V
5
1
=
-
-
5
.
1
F
p
FIG. 1-TYPICAL FORWARD CHARACTERISTIC
FIG. 2-TYPICAL REVERSE CHARACTERISTICS
FIG. 3 TYPICAL TOTAL CAPACITANCE
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VF, Forward Voltage (V)
TJ = - 25 °C
TJ = 75 °C
TJ = 25 °C
TJ = 125 °C
0.001
0.01
0.1
1
10
100
010
20
30
40
VR, Reverse Voltage (V)
TJ = 25 °C
TJ = 75 °C
TJ = 125
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
5
10
15
20
25
30
VR, Reverse Voltage (Volts)
f= 1MHz
°C
MMBD330W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com