Electronic Components Datasheet Search
  English  ▼

X  

NITROGEND2 Datasheet(PDF) 20 Page - C-Media Electronics

Part # NITROGEND2
Description  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 Datasheet(HTML) 20 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 16Page - C-Media Electronics NITROGEND2 Datasheet HTML 17Page - C-Media Electronics NITROGEND2 Datasheet HTML 18Page - C-Media Electronics NITROGEND2 Datasheet HTML 19Page - C-Media Electronics NITROGEND2 Datasheet HTML 20Page - C-Media Electronics NITROGEND2 Datasheet HTML 21Page - C-Media Electronics NITROGEND2 Datasheet HTML 22Page - C-Media Electronics NITROGEND2 Datasheet HTML 23Page - C-Media Electronics NITROGEND2 Datasheet HTML 24Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 20 -
6.5 DOLBY DIGITAL AND DTS SOUND TECHNOLOGY
6.5.1 DOLBY DIGITAL LIVE TECHNOLOGY
C-Media Xear 3D™ Sound Solution provides another state-of-the-art high quality audio
function--Dolby digital AC-3 encoder module. With this real-time software encoder, the
existing and future customers who are using C-Media USB audio solution and devices
can obtain this digital quality audio output by S/PDIF format much easier than before.
This function can output various 3D and environmental sound effects by high quality AC-3
encoding; in the meantime, it exhibits supreme efficiency—it takes only 7% of CPU
consumption from a Pentium 4 Processor.
A technology that can encode all the digital audio content on
PC into Dolby Digital stream in real-time. It can then be sent to
external decoder for playback. All path are digital and wiring is
simple.
6.5.2 DIGITAL THEATER SYSTEM (DTS interactive)
Besides Dolby, C-Media was also the world first PC audio provider whom can integrate
whole DTS Digital DSP technology in software module. Everyone knows that, DTS is the
famous of the world sound technology which guarantee high quality and performance.
DTS Interactive can take any content (WMA, MP3, CD, and more!) to transfer 5.1
multi-chances with real-time whenever play on line game, listen music, and watch VCD.
A real-time DTS encoder which takes any LPMC (2 channel or
more) and encodes it into DTS bit stream. The data transfer
format is 48 KHz at 1.5 mb/sec. Just using a single cable
connection to your DTS enabled surround sound system such
as, powered PC speakers, an A/V receiver or any other DTS
compatible surround sound system.
Better yet, the pure digital signal not only prevents the audio signal from distortion, but
also reduces the number of wires connected between PC and a HI-FI audio system. That
is to say, this breakthrough real-time AC-3 or DTS encoder can digitally transmit data
from PC to HI-FI system via a single RCA cable, instead of three pairs in an analog signal
case in the past.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com