Electronic Components Datasheet Search
  English  ▼

X  

NRE-SW331M166.3X7TRF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRE-SW331M166.3X7TRF
Description  Miniature Aluminum Electrolytic Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRE-SW331M166.3X7TRF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRE-SW331M166.3X7TRF Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
81
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Miniature Aluminum Electrolytic Capacitors
NRE-SW Series
SUPER-MINIATURE, RADIAL LEADS, POLARIZED
FEATURES
• HIGH PERFORMANCE IN LOW PROFILE (7mm) HEIGHT
• GOOD 100KHz PERFORMANCE CHARACTERISTICS
• WIDE TEMPERATURE -55 TO + 105OC
CHARACTERISTICS
LEAD SPACING & DIAMETER (mm)
MAX.RIPPLECURRENT (mA rms 100KHz & 105oC)
MAXIMUM E.S.R. (
Ω) AT 20oC/100 KHz
e
g
n
a
R
e
g
a
tl
o
V
g
n
i
k
r
o
W
d
e
t
a
R
c
d
V
0
5
~
3
.
6
e
g
n
a
R
e
c
n
a
ti
c
a
p
a
C
0
3
3
~
1
.
0
µF
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
5
5
- o
5
0
1
+
~
C
O
C
e
c
n
a
r
e
l
o
T
e
c
n
a
ti
c
a
p
a
C
+
)
M
(
%
0
2
t
n
e
r
r
u
C
e
g
a
k
a
e
L
.
x
a
M
0
2
t
A
s
e
t
u
n
i
m
1
r
e
tf
A
o
C
3
r
o
V
C
1
0
.
0
µA
r
e
t
a
e
r
g
s
i
r
e
v
e
h
c
i
h
W
n
o
it
a
p
i
s
s
i
D
&
e
g
a
tl
o
V
e
g
r
u
S
n
a
T
(
r
o
t
c
a
F
δ)
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
)
c
d
V
(
.
V
.
S
8
3
1
0
2
2
3
4
4
3
6
n
a
T
δ
z
H
0
2
1
@
4
2
.
0
1
2
.
0
8
1
.
0
4
1
.
0
2
1
.
0
0
1
.
0
y
ti
li
b
a
t
S
e
r
u
t
a
r
e
p
m
e
T
w
o
L
)
z
H
0
2
1
@
o
it
a
R
e
c
n
a
d
e
p
m
I
(
)
c
d
V
(
.
V
.
W
3
.
6
0
1
6
1
5
2
5
3
0
5
0
4
-
Z
o
0
2
+
Z
/
C
o
C
4
3
2
2
2
2
5
5
-
Z
o
0
2
+
Z
/
C
o
C
6
5
4
3
3
3
5
0
1
+
@
t
s
e
T
e
fi
L
o
C
s
r
u
o
h
0
0
0
,
1
e
g
n
a
h
C
e
c
n
a
ti
c
a
p
a
C
n
i
h
ti
W
+
e
u
l
a
v
l
a
it
i
n
i
f
o
%
5
2
r
o
t
c
a
F
n
o
it
a
p
i
s
s
i
D
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
f
o
%
0
0
2
n
a
h
t
s
s
e
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
u
l
a
v
m
u
m
i
x
a
m
d
e
if
i
c
e
p
s
n
a
h
t
s
s
e
L
�
�
�
�
µ �
�
�
�
�
�
�
�
�
�
��
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
STANDARD PRODUCT AND CASE SIZE TABLE D
φ x L (mm)
�
�
�
�
µ �
�
�
�
�
�
�
�
�
�
�
�
�
�
��
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
��
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
��
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
�
)
z
H
(
y
c
n
e
u
q
e
r
F
0
2
1
K
1
K
0
1
K
0
0
1
n
o
it
c
e
r
r
o
C
r
o
t
c
a
F
m
m
7
x
4
0
5
.
0
0
7
.
0
3
9
.
0
0
0
.
1
m
m
7
x
5
0
6
.
0
0
8
.
0
3
9
.
0
0
0
.
1
m
m
7
x
3
.
6
0
7
.
0
5
8
.
0
3
9
.
0
0
0
.
1
d
φ ± 0.05
Insulation Sleeve
F ± 0.5
4mm
Min.
15mm Min.
L +
β max.
D
φ ± α
Polarity Marking
Cap
(
µF)
Working Voltage
6.3 10 16 25 35
50
0.1
-
-
-
-
-
30.0
0.22
-
-
-
-
-
16.0
0.33
-
-
-
-
-
13.0
0.47
-
-
-
-
-
12.0
1.0
-
-
-
-
-
10.0
2.2
-
-
-
-
-
7.8
3.3
-
-
-
-
-
6.2
4.7
-
-
-
4.2 6.0 3.1
10
-
-
4.2 2.0 3.1 1.6
22
4.2 4.2 2.0 1.2 1.6 1.6
33
2.0 2.0 1.2 1.2 1.6 1.6
47
2.0 1.2 1.2 1.2 1.6 1.6
100 1.2 1.2 1.2 1.5 1.6
-
220 1.2 1.2 1.2
-
-
-
330 1.2
-
-
-
-
-
RIPPLE CURRENT CORRECTION FACTORS
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details
Size (D
∅ x L)
Tape and Reel*
NRE-SW 100 M 35V 5 x 5
Series
TR
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
PART NUMBER SYSTEM
*see tape specification for details
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com


Similar Part No. - NRE-SW331M166.3X7TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRE-SW331M6.3V6.3x7F NIC-NRE-SW331M6.3V6.3x7F Datasheet
88Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW331M63V63x7F NIC-NRE-SW331M63V63x7F Datasheet
88Kb / 2P
Miniature Aluminum Electrolytic Capacitors
More results

Similar Description - NRE-SW331M166.3X7TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com