Electronic Components Datasheet Search
  English  ▼

X  

MA4ST300 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4ST300
Description  Low-Voltage / Wide Band Si Hyperabrupt Varactors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST300 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4ST300 Datasheet HTML 1Page - Tyco Electronics MA4ST300 Datasheet HTML 2Page - Tyco Electronics MA4ST300 Datasheet HTML 3Page - Tyco Electronics MA4ST300 Datasheet HTML 4Page - Tyco Electronics MA4ST300 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
Low-Voltage / Wide Band
Si Hyperabrupt Varactors
V4
MA4ST300 Series
1
Features
• Surface Mount Packages (SOT-23, SOT-
323, SOD-323)
• High Capacitance Ratio at Low Voltages
• High Q at Low Voltages
• SPC Process for Superior C-V Repeatability
• Available as Single and Common Cathode
Pairs
• Tape and Reel Packaging
• Designed for Commercial Wireless Applica-
tions
Description
The
MA4ST300
series
are
ion-implanted,
hy-
perabrupt junction, silicon tuning varactors in SOT-
23, SOT-323, and SOD-323 surface mount pack-
ages. This series of varactors is designed for high
capacitance ratio and low voltage operation. Each
varactor type has a better than 3:1 capacitance ratio
between 0.5V and 3.0V.
Applications
The MA4ST300 series tuning varactors are useful
for wide band tuning and low phase noise applica-
tions where the supply voltage is limited to 5 volts or
less.
These varactors have been specifically de-
signed to cover wireless application bands up to the
2.4 GHz WLAN band.
Applications include VCOs
and voltage tuned filters.
RoHs Compliant parts
Absolute Maximum Ratings @ TA=+25 °C
(Unless Otherwise Noted)
1
1. Operation of this device above any one of these parameters
may cause permanent damage.
2. Please refer to application note M538 for surface mounting
instructions
Parameter
Absolute Maximum
Reverse Voltage
12 V
Forward Current
50 mA
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-55 °C to +125 °C
Total Power Dissipation
250 mW
Part Number
RoHs Compliant Part Number
MA4ST320
MAVR-000320
MA4ST330
MAVR-000330
MA4ST340
MAVR-000340
MA4ST350
MAVR-000350
0.25
0.5
0.75
1.0
2.0
3.0
350
FREQUENCY (GHz)
JCT
NMT
AMPS
TACS
NMT
IS-136/95
GSM
PDC
CT2
Active Pagers
DECT
PHP
DCS1800
WLAN
GPS
PCS
SMR
340
330
320
Fig. 1 Typical Device Selection by Frequency


Similar Part No. - MA4ST300

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST300 MACOM-MA4ST300 Datasheet
69Kb / 4P
Low - Voltage / Wide Band Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
More results

Similar Description - MA4ST300

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST300 MACOM-MA4ST300 Datasheet
69Kb / 4P
Low - Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST200 MACOM-MA4ST200_1 Datasheet
119Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
logo
M/A-COM Technology Solu...
MA4ST200 MA-COM-MA4ST200 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST200_V5 MA-COM-MA4ST200_V5 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300_V7 MA-COM-MA4ST300_V7 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
MAVR-000200 MA-COM-MAVR-000200 Datasheet
465Kb / 7P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST200 MA-COM-MA4ST200_15 Datasheet
126Kb / 5P
Low-Voltage / High Q Si Hyperabrupt Varactors
MA4ST300 MA-COM-MA4ST300_15 Datasheet
104Kb / 5P
Low-Voltage / Wide Band Si Hyperabrupt Varactors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com