Electronic Components Datasheet Search
  English  ▼

X  

MA4ST340 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MA4ST340
Description  Low-Voltage / Wide Band Si Hyperabrupt Varactors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4ST340 Datasheet(HTML) 3 Page - Tyco Electronics

  MA4ST340 Datasheet HTML 1Page - Tyco Electronics MA4ST340 Datasheet HTML 2Page - Tyco Electronics MA4ST340 Datasheet HTML 3Page - Tyco Electronics MA4ST340 Datasheet HTML 4Page - Tyco Electronics MA4ST340 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
Low-Voltage / Wide Band
Si Hyperabrupt Varactors
V4
MA4ST300 Series
3
1
10
100
0.1
1
10
Reverse Voltage (V)
MA4ST320
MA4ST330
MA4ST350
MA4ST340
100
1000
0.1
1
10
Reverse Voltage (V)
MA4ST320
MA4ST340
MA4ST350
MA4ST330
100
300
500
700
900
0
1
23
45
6
Reverse Voltage (V)
Typical Performance Curves
Nominal Q at 50 MHz vs. Reverse Voltage
Total Capacitance vs. Reverse Voltage at 1 MHz
Nominal Change in Capacitance with temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com