Electronic Components Datasheet Search
  English  ▼

X  

B3583 Datasheet(PDF) 3 Page - EPCOS

Part # B3583
Description  SAW Components
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3583 Datasheet(HTML) 3 Page - EPCOS

  B3583 Datasheet HTML 1Page - EPCOS B3583 Datasheet HTML 2Page - EPCOS B3583 Datasheet HTML 3Page - EPCOS B3583 Datasheet HTML 4Page - EPCOS B3583 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
May 09, 2001
SAW Components
B3583
345,00 MHz
Low Loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
max.
Center frequency
fc
—
345,00
—
MHz
Maximum insertion attenuation
344,60 ... 345,40 MHz
α
max
—
2,5
3,5
dB
Amplitude ripple (p-p)
∆α
344,60 ... 345,40 MHz
—
0,5
1,5
dB
Relative attenuation (relative to
α
max)
α
rel
10,00 ... 320,00 MHz
48
53
—
dB
320,00 ... 325,00 MHz
41
47
—
dB
325,00 ... 337,00 MHz
32
39
—
dB
337,00 ... 339,00 MHz
26
31
—
dB
351,00 ... 358,00 MHz
13
16
—
dB
358,00 ... 370,00 MHz
35
39
—
dB
370,00 ... 700,00 MHz
47
52
—
dB
700,00 ...1000,00 MHz
40
45
—
dB
Temperature coefficient of frequency
TCf
—
-30
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com