Electronic Components Datasheet Search
  English  ▼

X  

KS8993M Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # KS8993M
Description  Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8993M Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button KS8993M Datasheet HTML 9Page - Micrel Semiconductor KS8993M Datasheet HTML 10Page - Micrel Semiconductor KS8993M Datasheet HTML 11Page - Micrel Semiconductor KS8993M Datasheet HTML 12Page - Micrel Semiconductor KS8993M Datasheet HTML 13Page - Micrel Semiconductor KS8993M Datasheet HTML 14Page - Micrel Semiconductor KS8993M Datasheet HTML 15Page - Micrel Semiconductor KS8993M Datasheet HTML 16Page - Micrel Semiconductor KS8993M Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
Micrel, Inc.
KS8993M/ML/MI
April 2005
13
M9999-041205
Pin Number
Pin Name
Type
(1)
Description
70
LEDSEL0
Ipd
LED display mode select
See description in pins 1 and 4.
71
SMTXEN
Ipd
Switch MII transmit enable
72
SMTXD3
Ipd
Switch MII transmit data bit 3
73
SMTXD2
Ipd
Switch MII transmit data bit 2
74
SMTXD1
Ipd
Switch MII transmit data bit 1
75
SMTXD0
Ipd
Switch MII transmit data bit 0
76
SMTXER
Ipd
Switch MII transmit error
77
SMTXC
Ipd/O
Switch MII transmit clock
Output in PHY MII mode
Input in MAC MII mode
78
DGND
Gnd
Digital ground
79
VDDIO
P
3.3V digital VDD
80
SMRXC
Ipd/O
Switch MII receive clock.
Output in PHY MII mode
Input in MAC MII mode
81
SMRXDV
O
Switch MII receive data valid
82
SMRXD3
Ipd/O
Switch MII receive data bit 3
Strap option: switch MII full-duplex flow control
PD (default) = disable
PU = enable
83
SMRXD2
Ipd/O
Switch MII receive bit 2
Strap option: switch MII is in
PD (default) = full-duplex mode
PU = half-duplex mode
84
SMRXD1
Ipd/O
Switch MII receive bit 1
Strap option: Switch MII is in
PD (default) = 100Mbps mode
PU = 10Mbps mode
85
SMRXD0
Ipd/O
Switch MII receive bit 0
Strap option: switch will accept packet size up to
PD (default) = 1536 bytes (inclusive)
PU = 1522 bytes (tagged), 1518 bytes (untagged)
86
SCOL
Ipd/O
Switch MII collision detect
87
SCRS
Ipd/O
Switch MII carrier sense
Note:
1. P = Power supply.
Gnd = Ground.
O = Output.
Ipd = Input w/ internal pull-down.
Ipd/O = Input w/ internal pull-down during reset, output pin otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com