Electronic Components Datasheet Search
  English  ▼

X  

552256 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 552256
Description  Assortment of plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

552256 Datasheet(HTML) 1 Page - Festo Corporation.

  552256 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Assortment of plugs
NEKM-C-3
Part number: 552256
General operating condition
Data sheet
Feature
Value
LABS (PWIS) conformity
VDMA24364-B2-L
Note on materials
RoHS-compliant
Corrosion resistance class (CRC)
0 - No corrosion stress
6/6/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 552256

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
552252 FESTO-552252 Datasheet
88Kb / 1P
Pneumatic muffler
552254 FESTO-552254 Datasheet
73Kb / 2P
Control cable
More results

Similar Description - 552256

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Littelfuse
00940037Z LITTELFUSE-00940037Z Datasheet
304Kb / 1P
SERVICEMANS FAVORITE ASSORTMENT
logo
Switchcraft, Inc.
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Zilog, Inc.
Z8FS021 ZILOG-Z8FS021 Datasheet
784Kb / 68P
Select from an assortment of lenses and pyroelectric sensors to best fit your application
logo
Weidmuller
9025390000 WEIDMULLER-9025390000 Datasheet
223Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025410000 WEIDMULLER-9025410000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: Weidm체ller
September 28, 2021
9025430000 WEIDMULLER-9025430000 Datasheet
152Kb / 2P
Assortment of wire end ferrules, Box, Colour code: DIN
September 28, 2021
9025900000 WEIDMULLER-9025900000 Datasheet
151Kb / 2P
Assortment of wire end ferrules, Box, Colour code:Weidm체ller
September 28, 2021
9028780000 WEIDMULLER-9028780000 Datasheet
60Kb / 2P
Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
logo
SparkFun Electronics
PRT-11375 SPARKFUN-PRT-11375 Datasheet
95Kb / 1P
Hook-Up Wire - Assortment (Stranded, 22 AWG)
3/8/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com