Electronic Components Datasheet Search
  English  ▼

X  

MA8334 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA8334
Description  RF High Average Power Multi-Throw PIN Diode Switch Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA8334 Datasheet(HTML) 1 Page - Tyco Electronics

  MA8334 Datasheet HTML 1Page - Tyco Electronics MA8334 Datasheet HTML 2Page - Tyco Electronics MA8334 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF High Average Power Multi-Throw
PIN Diode Switch Modules
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
1
MA8334 Series
V3
RoHS Compliant
Parts
Features
•
SPDT and SP3T Series Diode Designs
•
Lower Intermodulation Distortion, 80 dBc
•
Higher Average Power, 100 W
•
Higher B.W., 10 MHz to 1000 MHz
•
Lower Insertion Loss / Higher Isolation
•
Lead-Free ( RoHS Compliant )
Available with 260 °C Reflow Compatibility
Description and Applications
M/A-COM’s MA8334 Series of Multi-Throw High
Power Switch Modules are SPDT and SP3T Devices
designed for usage from 10 MHz to 1000 MHz. They
are rated to operate at 100 Watts CW RF power with
Nominal 1.3:1 Source and Load VSWR in 50 Ω.
These switch modules are constructed using
Ceramic-Hybrid technology and utilize PIN diode
chips optimized for lower loss and higher operating
reliability. These Switch Modules employ
M/A-COM’s High Voltage CERMACHIP PIN diodes
for
Lower
Thermal
Resistance
and
Lower
Intermodulation Products.
Application of the MA8334 switch modules include
100 W Incident Power T/R and Diversity Switches.
Forward Bias Currents of + 50 mA @ +1V and
Reverse Bias Voltages of -100V @ 0 mA are typical
values for nominal Switch Operation.
Absolute Maximum Ratings
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Reverse Voltage
Voltage Rating per Diode
Operating Temperature
-65 °C to +125 °C
Storage Temperature
-65 °C to +150 °C
Power Dissipation
5 W @ + 25 °C .
derated to 0 W @ + 125 °C .
Junction Temperature
+175 °C
Forward Current
+ 250 mA per diode
Case Style
Note: Specifications subject to change without notification
Application Circuit for Common Cathode Biasing
Internal Wiring Diagram : Common Cathodes
RoHS Compliant
Parts
Recommended D.C. Bias :
Low Loss: +50 mA @+ 1V,Isolation:-100V @ 0mA


Similar Part No. - MA8334

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA8334 MA-COM-MA8334 Datasheet
122Kb / 3P
RF High Average Power Multi-Throw PIN Diode Switch Modules
MA8334 MA-COM-MA8334 Datasheet
163Kb / 3P
High Power Multi-Throw PIN Diode Switch Modules
MA8334-001 MA-COM-MA8334-001 Datasheet
122Kb / 3P
RF High Average Power Multi-Throw PIN Diode Switch Modules
MA8334-001 MA-COM-MA8334-001 Datasheet
188Kb / 3P
High Power Multi-Throw PIN Diode Switch Modules
MA8334-001 MA-COM-MA8334-001 Datasheet
656Kb / 4P
High Power Multi-Throw PIN Diode Switch Modules
More results

Similar Description - MA8334

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4GC6772 MACOM-MA4GC6772 Datasheet
113Kb / 3P
77 GHz GaAs Multi-Throw PIN Diode Switch
logo
M/A-COM Technology Solu...
MA47200 MA-COM-MA47200 Datasheet
147Kb / 3P
Stripline PIN Diode Switch Modules
MA8334 MA-COM-MA8334 Datasheet
122Kb / 3P
RF High Average Power Multi-Throw PIN Diode Switch Modules
MA4P504-144 MA-COM-MA4P504-144 Datasheet
87Kb / 2P
Stripline PIN Diode Switch Modules
MA8334 MA-COM-MA8334_2 Datasheet
163Kb / 3P
High Power Multi-Throw PIN Diode Switch Modules
MA47200_V5 MA-COM-MA47200_V5 Datasheet
190Kb / 4P
Stripline PIN Diode Switch Modules
MA8334-SERIES MA-COM-MA8334-SERIES Datasheet
188Kb / 3P
High Power Multi-Throw PIN Diode Switch Modules
MA47200 MA-COM-MA47200 Datasheet
190Kb / 4P
Stripline PIN Diode Switch Modules
MA8334 MA-COM-MA8334_15 Datasheet
656Kb / 4P
High Power Multi-Throw PIN Diode Switch Modules
MA47200 MA-COM-MA47200_15 Datasheet
681Kb / 5P
Stripline PIN Diode Switch Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com