Electronic Components Datasheet Search
  English  ▼

X  

MA45400 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MA45400
Description  Si Abrupt Tuning Varactor Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA45400 Datasheet(HTML) 2 Page - Tyco Electronics

  MA45400 Datasheet HTML 1Page - Tyco Electronics MA45400 Datasheet HTML 2Page - Tyco Electronics MA45400 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Also Offering
RoHs Compliant
Equivalent Parts
V2
MA45400 Series
2
Si Abrupt Tuning Varactor Diode
Electrical Specifications @ TA = +25 °C
Breakdown Voltage @ IR = 10μA, Vb = 30V Minimum
Reverse Leakage Current @ VR =24V, IR = 100 nA Maximum
1 The suffix defines package style, configuration and packaging information. Contact representative for complete part identification.
2 Capacitance @ 1 MHz
Part Number
Equivalent
RoHs
Compliant
Part
Number
Ct*
(pF)
Capacitance
Ratio
Q
Minimum
VR = 4.0 V
Ct0V/Ct30V
VR = 4.0 V
Min.
Nom.
Max.
Typ.
MIN.
MA45436-287T
MA45436CK-287T
MAVR-045436-0287AT
MAVR-045436-0287FT
4.23
4.7
5.17
4.5
1800
MA45437-287T
MA45437CK-287T
MAVR-045437-0287AT
MAVR-045437-0287FT
5.04
5.6
6.16
4.5
1700
MA45438-287T
MA45438CK-287T
MAVR-045438-0287AT
MAVR-045438-0287FT
6.12
6.8
7.48
4.5
1600
MA45439-287T
MA45439CK-287T
MAVR-045439-0287AT
MAVR-045439-0287FT
7.38
8.2
9.02
4.5
1500
MA45440-287T
MA45440CK-287T
MAVR-045440-0287AT
MAVR-045440-0287FT
9
10
11
4.5
1300
MA45441-287T
MA45441CK-287T
MAVR-045441-0287AT
MAVR-045441-0287FT
10.8
12
13.2
4.6
1200
MA45445-287T
MAVR-045445-0287AT
24.3
27
29.7
4.6
900
MA45446-287T
MAVR-045446-0287AT
29.7
33
36.3
4.7
750
SOT-23 Single
Configuration
SOT-23 Common
Cathode
Configuration



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com