Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0031 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAAMSS0031
Description  Broadband CATV Amplifier, 50 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0031 Datasheet(HTML) 3 Page - Tyco Electronics

  MAAMSS0031 Datasheet HTML 1Page - Tyco Electronics MAAMSS0031 Datasheet HTML 2Page - Tyco Electronics MAAMSS0031 Datasheet HTML 3Page - Tyco Electronics MAAMSS0031 Datasheet HTML 4Page - Tyco Electronics MAAMSS0031 Datasheet HTML 5Page - Tyco Electronics MAAMSS0031 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Broadband CATV Amplifier,
50 - 1000 MHz
MAAMSS0031
M/A-COM Inc. and its affiliates reserve the right to make changes to
the product(s) or information contained herein without notice.
M/A-COM makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does
M/A-COM assume any liability whatsoever arising out of the use.
or application of any product(s) or information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit
www.macom.com for additional data sheets and product information.
3
V2
Gain vs. Frequency over Temperature to 3 GHz
Gain vs. Frequency over Temperature to 1 GHz
Typical Performance Curves
Output Return Loss vs. Frequency over Temperature
Input Return Loss vs. Frequency over Temperature
Noise Figure vs. Frequency
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40°C
+25°C
+85°C
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0.0
0.2
0.4
0.6
0.8
1.0
-40°C
+25°C
+85°C
Frequency (GHz)
13.0
13.5
14.0
14.5
15.0
15.5
0.0
0.2
0.4
0.6
0.8
1.0
-40°C
+25°C
+85°C
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0.0
0.2
0.4
0.6
0.8
1.0
-40 °C
+25 °C
+85 °C
Frequency (GHz)
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com