Electronic Components Datasheet Search
  English  ▼

X  

MAAMSS0042 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAMSS0042
Description  Broadband CATV Amplifier 50 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAMSS0042 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAMSS0042 Datasheet HTML 1Page - Tyco Electronics MAAMSS0042 Datasheet HTML 2Page - Tyco Electronics MAAMSS0042 Datasheet HTML 3Page - Tyco Electronics MAAMSS0042 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Broadband CATV Amplifier
50 - 1000 MHz
MAAMSS0042
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
RoHS
Compliant
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
13.8
15
16.0
Gain Flatness
dB
—
0.8
1.2
Noise Figure
dB
—
3.0
4.0
Input Return Loss
dB
—
20
—
Output Return Loss
dB
—
18
—
Output IP3
6 MHz Spacing, -10 dBm output per tone
dBm
—
38
—
Composite Triple Beat, CTB
132 channels, +30 dBmV / channel at the output.
dBc
—
-70
—
Composite Second Order, CSO
132 channels, +30 dBmV / channel at the output.
dBc
—
-70
—
P1dB
dBm
—
21
—
IDD
5 Volts
mA
—
110
130
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = 5 Volts, Z0 = 75 Ω
Off-Chip Component Values
Schematic Including Off-Chip Components
Recommended Board Layout
L1
C3
C2
L2
R1
C4
C5
L3
C1
Component
Value
Package
C1,C2,C3,C4
0.01 µF
0402
C5
0.8 pF
0402
L14
1 µH
1210
L2
4.7 nH
0402
L3
6.8 nH
0402
R1
523 Ω
0402
4. L1 supplied from EPCOS, part number B82422A11022k100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com