Electronic Components Datasheet Search
  English  ▼

X  

D4BL-2CRA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D4BL-2CRA
Description  Guard Lock Safety-door Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BL-2CRA Datasheet(HTML) 2 Page - Omron Electronics LLC

  D4BL-2CRA Datasheet HTML 1Page - Omron Electronics LLC D4BL-2CRA Datasheet HTML 2Page - Omron Electronics LLC D4BL-2CRA Datasheet HTML 3Page - Omron Electronics LLC D4BL-2CRA Datasheet HTML 4Page - Omron Electronics LLC D4BL-2CRA Datasheet HTML 5Page - Omron Electronics LLC D4BL-2CRA Datasheet HTML 6Page - Omron Electronics LLC D4BL-2CRA Datasheet HTML 7Page - Omron Electronics LLC D4BL-2CRA Datasheet HTML 8Page - Omron Electronics LLC D4BL-2CRA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
D-137
D4BL
Ordering Information
List of Models
Switches
Operation Keys (Order Separately)
Specifications
Approved Standards
Standards and EC Directives
Conforms to the following EC Directives:
Machinery Directive
Low Voltage Directive
EN1088
Lock
method
Conduit
size
Voltage
for
solenoid
Without indicator
1NC/1NO+ 1NC
(Slow-action)
With LED indicator
1NC/1NO+ 1NC
(Slow-action)
Without indicator
2NC+ 1NC
(Slow-action)
With LED indicator
2NC+ 1NC
(Slow-action)
Mechanical
lock
PG13.5
24 VDC
D4BL-1CRA
D4BL-1CRA-A
D4BL-1DRA
D4BL-1DRA-A
110 VAC
D4BL-1CRB
D4BL-1CRB-A
D4BL-1DRB
D4BL-1DRB-A
G1/2
24 VDC
D4BL-2CRA
D4BL-2CRA-A
D4BL-2DRA
D4BL-2DRA-A
110 VAC
D4BL-2CRB
D4BL-2CRB-A
D4BL-2DRB
D4BL-2DRB-A
M20
24 VDC
D4BL-4CRA
D4BL-4CRA-A
D4BL-4DRA
D4BL-4DRA-A
110 VAC
D4BL-4CRB
D4BL-4CRB-A
Solenoid
lock
Pg 13.5
24 VDC
D4BL-1CRG
D4BL-1CRG-A
D4BL-1DRG
D4BL-1DRG-A
G1/2
24 VDC
D4BL-2CRG
D4BL-2CRG-A
D4BL-2DRG
D4BL-2DRG-A
M20
24 VDC
D4BL-4CRG-A
Mounting type
Model
D4BL-K1
D4BL-K2
D4BL-K3
Horizontal mounting
Vertical mounting
Adjustable mounting
(Horizontal)
Agency
Standard
File No.
TÜV Rheinland
EN60947-5-1
BIA
GS-ET-19
Mechanical lock:
9402293
Solenoid lock:
1998 20462-01
SUVA
SUVA
E6186/2.d
UL
UL508
E76675
CSA
CSA C22.2, No.14
LR45746
R9451050
(Direct opening:
approved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com