Electronic Components Datasheet Search
  English  ▼

X  

DN511 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DN511
Description  SUBMINIATURE PROPORTIONALLY CONTROLLED HEATER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DN511 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DN511 Datasheet HTML 1Page - List of Unclassifed Manufacturers DN511 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DN511
360.1 0 3.0 79.6 29 2.5 20.2
58 3.0
4.6
87 3.5
340.6 1 3.0 75.8 30 2.5 19.3
59 3.0
4.4
88 3.5
322.3 2 3.0 72.2 31 2.5 18.4
60 3.0
4.1
89 3.5
305.0 3 3.0 68.8 32 2.5 17.5
61 3.5
3.9
90 3.5
288.7 4 3.0 65.5 33 2.5 16.7
62 3.5
3.6
91 3.5
273.4 5 3.0 62.5 34 2.5 15.9
63 3.5
3.4
92 3.5
259.0 6 3.0 59.5 35 2.5 15.2
64 3.5
3.2
93 3.5
245.4 7 3.0 56.8 36 2.5 14.5
65 3.5
3.0
94 3.5
232.5 8 3.0 54.1 37 2.5 13.8
66 3.5
2.8
95 3.5
220.4 9 3.0 51.6 38 2.5 13.2
67 3.5
2.6
96 3.5
209.0 10 3.0 49.2 39 2.5 12.5
68 3.5
2.4
97 3.5
198.3 11 2.5 46.9 40 2.5 11.9
69 3.5
2.2
98 3.5
188.1 12 2.5 44.8 41 3.0 11.4
70 3.5
2.0
99 3.5
178.5 13 2.5 42.7 42 3.0 10.8
71 3.5
1.8 100 3.5
169.4 14 2.5 40.7 43 3.0 10.3
72 3.5
1.68 101 3.5
160.8 15 2.5 38.9 44 3.0
9.8
73 3.5. 1.52 102 3.5
152.7 16 2.5 37.1 45 3.5
9.3
74 3.5
1.37 103 3.5
145.1 17 2.5 35.4 46 3.0
8.9
75 3.5
1.23 104 3.5
137.8 18 2.5 33.8 47 3.0
8.4
76 3.5
1.09 105 3.5
131.0 19 2.5 33.8 47 3.0
8.0
77 3.5
0.95 106 3.5
124.5 20 2.5 30.8 49 3.0
7.6
78 3.5
0.82 107 3.5
118.3 21 2.5 29.4 50 3.0
7.2
79 3.5
0.70 108 3.5
112.5 22 2.5 28.1 51 3.0
6.8
80 3.5
0.58 109 3.5
107.0 23 2.5 26.8 52 3.0
6.5
81 3.5
0.46 110 3.5
101.8 24 2.5 25.5 53 3.0
6.1
82 3.5
0.35 111 3.5
96.9 25 2.5 24.4 54 3.0
5.8
83 3.5
0.25 112 3.5
92.2 26 2.5 23.2 55 3.0
5.5
84 3.5
0.14 113 3.5
87.8 27 2.5 22.2 56 3.0
5.2
85 3.5
0.04 114 3.5
83.6 28 2.5 21.2 57 3.0
4.9
86 3.5
RS
KΩ
T
°
C
TOL.
±°
C
RS
KΩ
T
°
C
TOL.
±°
C
RS
KΩ
T
°
C
TOL.
±°
C
RS
KΩ
T
°
C
TOL.
±°
C
0
10
20
30
40
50
60
70
20
40
60
80
100
120
POWER SUPPLY
VOLTAGE (VOLTS D.C.)
MAXIMUM HEATER TURN ON CURRENT
vs.
POWER SUPPLY VOLTAGE
This graph shows the range of D.C.
current that flows through the heater
before temperature control occurs.
3.0" ± 0.25"
0805 1% TEMPERATURE
SET RESISTOR ON
REQUEST
#32 GAGE MAGNET
WIRE (4 PLACES)
PIN 1
The temperature of the DN511 is supplied with
four 3 inch #32 gage magnet wire as shown
below. Temperature of the DN511 can be set at
the factory on request
140
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0.0
20.0
40.0
60.0
80.0
SUPPLY VOLTAGE (VOLTS)
It is recommended that the DN511 heater be
attached to the device being heated with a
thermally conductive adhesive such as Loctite®
384. This will insure that there is minimum
thermal resistance between the two surfaces.
xxxx
DN505
Therm
Optics
xxxx
DN511
Therm
Optics
™
Page 2
Last Updated 6/25/01
1004 Mallory Way • Carson City, NV 89701 • Phone: 775-882-7721 • Fax: 775-882-7675 • E-mail: info@thermoptics.com • http://www.thermoptics.com
TYPICAL CASE TEMPERATURE
VS
CONTROL RESISTOR
TYPICAL HEATER POWER AT TURN ON
vs.
POWER SUPPLY VOLTAGE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com