Electronic Components Datasheet Search
  English  ▼

X  

FB2230 Datasheet(PDF) 2 Page - BOROUGE PTE. LTD.

Part # FB2230
Description  POLYETHYLENE Borstar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOROUGE [BOROUGE PTE. LTD.]
Direct Link  https://www.borouge.com/
Logo BOROUGE - BOROUGE PTE. LTD.

FB2230 Datasheet(HTML) 2 Page - BOROUGE PTE. LTD.

  FB2230 Datasheet HTML 1Page - BOROUGE PTE. LTD. FB2230 Datasheet HTML 2Page - BOROUGE PTE. LTD. FB2230 Datasheet HTML 3Page - BOROUGE PTE. LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FILM PROPERTIES¹
Property**
Typical Value*
Test Method
Tensile Strength at Break (MD/TD)
50/40 MPa
ISO 527-3
Elongation at Break (MD/TD)
550/750 %
ISO 527-3
Tensile Strength at Yield (TD)
12 MPa
ISO 527-3
Tensile Modulus (1 % Secant) (MD/TD)
250/300 MPa
ASTM D 882
Coefficient of Friction
0.4
ASTM D 1894
Gloss ( 60
°)
10
ASTM D 2457
Dart Drop
600 g
ASTM D 1709/A
Tear Strength (MD/TD)
4/8 N
ASTM D 1922
Puncture Resistance, force
50 N
ASTM D 5748
Puncture Resistance, energy
3 J
ASTM D 5748
¹ Film properties: 40µm, BUR=3:1, FLH=4DD, Die gap 1.2mm
*
Typical properties and data should not be used for specification work
** The film properties are dependent on extrusion conditions.
PROCESSING CONDITIONS
Borstar®FB2230 can be processed in most types of blown film equipment such as LDPE, LLDPE or HDPE
extruders. The balance of draw down properties and bubble stability is superior to conventional LLDPE and
LDPE. Thickness of 10 to >2000
m can be processed with good bubble stability. The product is well suited for
co-extrusion.
Recommended extrusion temperature is 190 - 210°C. A die gap of 1.0 - 1.8 mm will give the best balance
between extruder pressure and physical properties in the film. Wider die gap gives higher machine direction
orientation.
Borstar®FB2230 provides excellent mechanical properties balance by optimizing film processing parameters like
Blow up ratio (BUR) and Frost Line Height (FLH). Higher impact strength can be achieved by raising the FLH.
High BUR (>2) also results in improved mechanical properties.
Recommended processing conditions:
Melt temperature
190
–210°C
Die gap
1.0
– 1.8 mm
FLH
2 - 4 DD
BUR
>2:1
FOOD CONTACT REGULATIONS
Borstar®FB2230 fulfils the food contact regulations in most countries. If required, contact your Borouge
representative for a certificate.
STORAGE
This product should be stored in dry conditions at temperature bellow 50°C and protected from UV-light.
Improper storage can initiate degradation, which results in odour generation and colour changes and can
have negative effects on physical properties of this product.
More information on storage can be found in Safety Information Sheet (SIS) for this product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com