Electronic Components Datasheet Search
  English  ▼

X  

4G6 Datasheet(PDF) 2 Page - Belden Inc.

Part # 4G6
Description  MachFlex™ 350YY, 3C1G 6 mm² Str BC, PVC Ins, PVC Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4G6 Datasheet(HTML) 2 Page - Belden Inc.

  4G6 Datasheet HTML 1Page - Belden Inc. 4G6 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Flammability / Reaction to
Fire:
IEC 60332-1-2, DIN VDE 048233212, DIN EN 6033212
Third Party Performance
Verification:
VDE Certification No. 40041970, VDE Registration No. 8770
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Other Standard
Compliance(s):
VDE 0285-525-2-51, IEC 60227-5, EN 50525-2-51
History
Update and Revision:
Revision Number: 0.68 Revision Date: 03-19-2024
Part Numbers
Variants
Item #
Color
Length
4G6 010100M
Black, RAL 9004 100 m
4G6 010200M
Black, RAL 9004 200 m
4G6 010300M
Black, RAL 9004 300 m
4G6 G8U100M Gray, RAL 7001
100 m
4G6 G8U200M Gray, RAL 7001
200 m
4G6 G8U300M Gray, RAL 7001
300 m
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com