Electronic Components Datasheet Search
  English  ▼

X  

5X2.5SH Datasheet(PDF) 2 Page - Belden Inc.

Part # 5X2.5SH
Description  MachFlex™ 350 SH, 5C 2.5 mm² Str BC, PP Ins, LSZH Inner Jkt, GSW Brd,LSZH Outer Jkt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

5X2.5SH Datasheet(HTML) 2 Page - Belden Inc.

  5X2.5SH Datasheet HTML 1Page - Belden Inc. 5X2.5SH Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bend Radius
Installation Min.
Flexing Min.
77.4 mm (3.05 in) 258 mm (10.2 in)
Bulk Cable Weight:
265 kg/km (178 lbs/1000ft)
Standards and Compliance
Environmental
Suitability:
UV Resistance, Oil Resistance
Flammability /
Reaction to Fire:
IEC 60332-1-2, DIN VDE 048233212, DIN EN 6033212
ISO/IEC
Compliance:
IEC 60228
CENELEC
Compliance:
EN 50290-2-22EN 50290-2-27
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), REACH, EU Directive 2011/65/EU (RoHS 2)
Other Standard
Compliance(s):
VDE 0295, IEC 60227-5, EN 50525-3-11, EN 61034-2, BS 6360
Product Notes
Notes:
Smoke/Halogen Properties : IEC 60754-1, IEC 60754-2, VDE 0482-754-1, VDE 0482-754-2
History
Update and
Revision:
Revision Number: 0.17 Revision Date: 03-05-2024
Part Numbers
Variants
Item #
Color
Length
5X2.5SH 010100M
Black
100 m
5X2.5SH 010200M
Black
200 m
5X2.5SH 010300M
Black
300 m
5X2.5SH 006100M
Blue
100 m
5X2.5SH 006200M
Blue
200 m
5X2.5SH 006300M
Blue
300 m
5X2.5SH G8U100M Gray, RAL 7001 100 m
5X2.5SH G8U200M Gray, RAL 7001 200 m
5X2.5SH G8U300M Gray, RAL 7001 300 m
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com