Electronic Components Datasheet Search
  English  ▼

X  

7417WS Datasheet(PDF) 2 Page - Belden Inc.

Part # 7417WS
Description  MachFlex™, 241G C #18 Str BC, PVC-NYL Ins, OA TC Brd, TPE Jkt, 1000V WTTC, 600V TC-ER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7417WS Datasheet(HTML) 2 Page - Belden Inc.

  7417WS Datasheet HTML 1Page - Belden Inc. 7417WS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temperature
UL Temperature
Operating
UL : 90°C Dry, 75°C Wet; AWM 20328 : 105°C -40°C To 105°C
Bend Radius
Stationary Min.
Installation Min.
3.02 in (76.7 mm) 3.78 in
Max. Pull Tension:
520 lbs (240 kg)
Bulk Cable Weight:
342 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Outdoor, Sunlight Resistance, UV Resistance, Oil Resistance
Flammability / Reaction to Fire:
UL1685 UL Loading, IEEE 1202 FT4
NEC / UL Compliance:
Article 336
AWM Compliance:
AWM 20328, AWM I/II A/B
CEC / C(UL) Compliance:
CIC, TC
European Directive Compliance:
EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
History
Update and Revision:
Revision Number: 0.188 Revision Date: 01-10-2024
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC
Footnote
7417WS 060250
Chrome Reel
250 ft
612825186090 C
7417WS 0601000 Chrome Reel
1,000 ft 612825186083 C
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com