Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0018 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MAATSS0018
Description  Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0018 Datasheet(HTML) 3 Page - Tyco Electronics

  MAATSS0018 Datasheet HTML 1Page - Tyco Electronics MAATSS0018 Datasheet HTML 2Page - Tyco Electronics MAATSS0018 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Digital Attenuator, 1-Bit, 10 dB Step
DC - 2.0 GHz
MAATSS0018
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
RoHS
Compliant
Insertion Loss (Negative Control)
Relative Attenuation (Positive Control)
Relative Attenuation (Negative Control)
Typical Performance Curves (39 pF capacitors used for positive voltage control)
Return Loss (Reference State)
Return Loss (10 dB State)
Insertion Loss (Positive Control)
0.0
0.2
0.4
0.6
0.8
1.0
0.00.5
1.01.5
2.02.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
0.0
0.2
0.4
0.6
0.8
1.0
0.00.5
1.01.5
2.0
2.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
9.0
9.5
10.0
10.5
11.0
0.00.5
1.01.5
2.02.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
9.0
9.5
10.0
10.5
11.0
0.00.5
1.01.5
2.02.5
3.0
+25°C
-40°C
+85°C
Frequency (GHz)
0
10
20
30
40
0.00.5
1.01.5
2.02.5
3.0
Positive Control
Negative Control
Frequency (GHz)
0
10
20
30
40
0.00.5
1.01.5
2.02.5
3.0
Positive Control
Negative Control
Frequency (GHz)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com