Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0020 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAATSS0020
Description  Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0020 Datasheet(HTML) 2 Page - Tyco Electronics

  MAATSS0020 Datasheet HTML 1Page - Tyco Electronics MAATSS0020 Datasheet HTML 2Page - Tyco Electronics MAATSS0020 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 31 dB, 5-Bit
DC - 2.0 GHz
MAATSS0020
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Reference Insertion Loss
DC - 0.1 GHz
0.1 - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
dB
—
—
—
—
1.6
1.7
1.9
2.2
—
—
2.2
—
Attenuation Accuracy
4
DC - 1.0 GHz
DC - 2.0 GHz
± (0.20 dB +3% of Atten Setting in dB) dB
± (0.30 dB +3% of Atten Setting in dB) dB
VSWR
(Any state)
Ratio
—
1.5:1
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
8
—
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
nS
—
15
—
Transients
In Band
mV
—
2
—
1 dB Compression
Input Power
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
20
27
—
—
IP2
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
dBm
dBm
—
—
45
60
—
—
IP3
0.05 GHz
0.5 - 2.0 GHz
Measured Relative to Input Power
(for two-tone input power up to +5 dBm)
dBm
dBm
—
—
34
50
—
—
4. Attenuation accuracy specifications apply with negative bias control and low inductance grounding.
Truth Table
5
5. 0 = Vin Low = 0 V = 0 to -0.2 V @ 20
μA maximum.
1 = Vin High = -5 V @ 20 µA typical to –8 V @ 200
μA
maximum.
VC5
VC4 VC4
VC3
VC3
VC2
VC2
VC1
VC1
Atten (dB)
1
1
0
1
0
1
0
1
0
Reference
0
1
0
1
0
1
0
1
0
1 dB
1
0
1
1
0
1
0
1
0
2 dB
1
1
0
0
1
1
0
1
0
4 dB
1
1
0
1
0
0
1
1
0
8 dB
1
1
0
1
0
1
0
0
1
16 dB
0
0
1
0
1
0
1
0
1
31 dB
Control Inputs
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com