Electronic Components Datasheet Search
  English  ▼

X  

MAATSS0022SMB Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAATSS0022SMB
Description  Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAATSS0022SMB Datasheet(HTML) 2 Page - Tyco Electronics

  MAATSS0022SMB Datasheet HTML 1Page - Tyco Electronics MAATSS0022SMB Datasheet HTML 2Page - Tyco Electronics MAATSS0022SMB Datasheet HTML 3Page - Tyco Electronics MAATSS0022SMB Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Digital Attenuator, 5-Bit, 15.5 dB
500 - 2500 MHz
MAATSS0022
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Electrical Specifications: TA = 25 °C, Z0 = 50 Ω, Vs = +5 V, VC = 0 V / 5 V
Parameter
Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss (reference state)
—
0.5 - 0.8 GHz
0.8 - 1.8 GHz
1.8 - 2.2 GHz
2.1 GHz
2.2 - 2.5 GHz
dB
dB
dB
dB
dB
—
—
—
—
—
1.45
1.75
2.05
2.1
2.2
—
—
—
2.5
—
VSWR
Any State
0.5 - 2.5 GHz
Ratio
—
1.6:1
—
Accuracy
Any State
0.5 - 0.8 GHz
0.8 - 1.8 GHz
1.8 - 2.2 GHz
2.1 GHz
2.2 - 2.5 GHz
dB
dB
dB
dB
dB
Attenuation Range
—
0.5 - 2.5 GHz
dB
—
15.5
—
1 dB Compression Input Power
+3 V
+5 V
0.5 - 2.5 GHz
0.5 - 2.5 GHz
dBm
dBm
—
—
25
30
—
—
IP3
Two tones, Pin < +5 dBm / tone
+3 V
+5 V
0.5 - 2.5 GHz
0.5 - 2.5 GHz
dBm
dBm
—
—
36
46
—
—
Trise, Tfall
10/90% or 90/10% RF
—
µS
—
2
—
Ton, Toff
50% CNTL to 90/10% RF
—
µS
—
2
—
Transients
In Band
—
mV
—
62
—
Supply Current
+3 V
+5 V
—
—
µA
µA
—
—
5
5
40
40
± (0.3 + 4% atten setting) Typical
± (0.3 + 3% atten setting) Typical
± (0.3 + 6% atten setting) Typical
± (0.3 + 6% atten setting) Min / Max
± (0.3 + 8% atten setting) Typical
Total Control Current
+3 V
+5 V
—
—
µA
µA
—
—
—
—
100
100
Truth Table
4
Control Inputs
VC5
VC4
VC3
VC2
VC1
Attenuation
(dB)
1
1
1
1
1
Reference
0
1
1
1
1
0.5 dB
1
0
1
1
1
1 dB
1
1
0
1
1
2 dB
1
1
1
0
1
4 dB
1
1
1
1
0
8 dB
0
0
0
0
0
15.5 dB
4. 0 = 0.0 V ± 0.2 V, 1 = Vs = 5.0 V ± 0.2 V.
The MAATSS0022 is designed to operate with 5 V logic levels.
The difference between +3 V and +5 V operation is minimal for
small signal performance. IIP3, however, is a strong function
of voltage. +3 V is the minimum voltage at which the product
will reliably operate.
The MAATSS0022 requires a parallel interface that allows the
user to enter a 5 bit digital word. Each state increments the
attenuation by 0.5 dB giving a total range of 15.5 dB.
The MAATSS0022 is not internally DC blocked. This means
that the device requires DC blocking capacitors on the RF1
and RF2 ports. M/A-COM recommends 0.1 uF to allow for the
entire frequency range to be utilized.
Higher frequency
applications can use smaller value capacitors as DC blocks.
Operating Instructions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com