Electronic Components Datasheet Search
  English  ▼

X  

19141 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 19141
Description  Illuminating seal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

19141 Datasheet(HTML) 1 Page - Festo Corporation.

  19141 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Illuminating seal
ME-LD-12-24DC
Part number: 19141
General operating condition
Data sheet
Feature
Value
Switching position indication
LED
Type of mounting
On air solenoid valve with M3 central screw
Product weight
0.6 g
Electrical connection
Form C
Rectangular design, MSE
DC operating voltage range
12 V ... 24 V
Protective earth connection
Available
Nominal power luminous seal
0.05 W
Degree of protection
IP65
Ambient temperature
-25 °C ... 85 °C
LABS (PWIS) conformity
VDMA24364-B2-L
Housing material
TPE-U(PU)
Color
Transparent
6/10/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 19141

ManufacturerPart #DatasheetDescription
logo
MolexKits
19141-0085 MOLEXKITS-19141-0085 Datasheet
38Kb / 2P
Assorted Non-Insulated Quick Disconnect, Ring, Spade and Butt Splice Solderless Terminals
logo
Adels-Contact
191410 ADELS-191410 Datasheet
114Kb / 1P
1000 BZ/10
logo
Molex Electronics Ltd.
191410020 MOLEX-191410020 Datasheet
132Kb / 14P
PremiumGrade Hand Crimp Tool for Krimptite/Versakrimp Terminals and Splices, 22-10 AWG and 6.0mm² - 0.5mm²
Jun 13, 2025
191410020 MOLEX-191410020 Datasheet
129Kb / 14P
ServiceGrade Hand Crimp Tool - Ratchet
Jun 13, 2025
191410022 MOLEX-191410022 Datasheet
132Kb / 14P
PremiumGrade Hand Crimp Tool for Krimptite/Versakrimp Terminals and Splices, 22-10 AWG and 6.0mm² - 0.5mm²
Jun 13, 2025
More results

Similar Description - 19141

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGX-8 ETC-TGX-8 Datasheet
67Kb / 1P
Ceramic Glass Seal
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
FEEDTHROUGH SEAL
logo
TE Connectivity Ltd
C-281934 TEC-C-281934 Datasheet
179Kb / 1P
SINGLE WIRE SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
CABLE SEAL
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
Glass Seal
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
Seal - SAC-VP-SEAL-SIL/RD OD
2203749 PHOENIX-2203749 Datasheet
75Kb / 4P
Seal - DCS D-SEAL 3,0MM
09/12/2020
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
Seal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com