Electronic Components Datasheet Search
  English  ▼

X  

PIP3118-B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIP3118-B
Description  Logic level TOPFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3118-B Datasheet(HTML) 3 Page - NXP Semiconductors

  PIP3118-B Datasheet HTML 1Page - NXP Semiconductors PIP3118-B Datasheet HTML 2Page - NXP Semiconductors PIP3118-B Datasheet HTML 3Page - NXP Semiconductors PIP3118-B Datasheet HTML 4Page - NXP Semiconductors PIP3118-B Datasheet HTML 5Page - NXP Semiconductors PIP3118-B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
PIP3118-B
OUTPUT CHARACTERISTICS
Limits are for -40˚C
≤ T
mb ≤ 150˚C; typicals are for Tmb = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Off-state
V
IS = 0 V
V
(CL)DSS
Drain-source clamping voltage
I
D = 10 mA
50
-
-
V
I
DM = 4 A; tp ≤ 300 µs; δ ≤ 0.01
50
60
70
V
I
DSS
Drain source leakage current
V
DS = 40 V
-
-
100
µA
T
mb = 25˚C
-
0.1
10
µA
On-state
V
IS ≥ 4.4 V; tp ≤ 300 µs; δ ≤ 0.01
R
DS(ON)
Drain-source resistance
I
DM = 10 A
-
-
52
m
Ω
T
mb = 25˚C
-
22
28
m
Ω
OVERLOAD CHARACTERISTICS
V
IS = 5 V; Tmb = 25˚C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Short circuit load
I
D
Drain current limiting
V
DS = 13 V
28.5
43
57
A
4.4 V
≤ V
IS ≤ 5.5 V;
21
-
65
A
-40˚C
≤ T
mb ≤ 150˚C
Overload protection
P
D(TO)
Overload power threshold
device trips if P
D > PD(TO)
75
185
250
W
T
DSC
Characteristic time
which determines trip time
1
200
380
600
µs
Overtemperature protection
T
j(TO)
Threshold junction
150
170
-
˚C
temperature
2
1 Trip time t
d sc varies with overload dissipation PD according to the formula td sc ≈ TDSC / ln[ PD / PD(TO)].
2 This is independent of the dV/dt of input voltage V
IS.
May 2001
3
Rev 1.000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com