Electronic Components Datasheet Search
  English  ▼

X  

MABACT0060 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MABACT0060
Description  1:1 Transmission Line Transformer 5-1200MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0060 Datasheet(HTML) 3 Page - Tyco Electronics

  MABACT0060 Datasheet HTML 1Page - Tyco Electronics MABACT0060 Datasheet HTML 2Page - Tyco Electronics MABACT0060 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1:1 Transmission Line Transformer
5-1200MHz
MABACT0060
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
3
RoHS
Compliant
Insertion Loss 2 (coupled pin 4 to pin 1)
Amplitude Unbalance
Phase Balance
Typical Performance Curves, TA = 25°C, Z0 = 50Ω
Input Return Loss
Insertion Loss 1 (through pin 4 to pin 3)
-2 .0
-1.8
-1.6
-1.4
-1.2
-1.0
-0 .8
-0 .6
-0 .4
-0 .2
0.0
5
244
483
72 2
961
1200
F requency (M H z)
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
5
244
483
722
961
1200
F requency (M Hz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
5
244
483
722
961
1200
Frequency (M Hz)
-35
-30
-25
-20
-15
-10
-5
0
5
244
483
722
961
1200
F requency (M Hz)
170
172
174
176
178
180
182
184
186
188
190
5
244
483
722
961
1200
F re que nc y ( M H z)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com