Electronic Components Datasheet Search
  English  ▼

X  

MABAES0022 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MABAES0022
Description  E-Series RF 9:1 Transmission line Step-up Transformer 5 - 220 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABAES0022 Datasheet(HTML) 2 Page - Tyco Electronics

  MABAES0022 Datasheet HTML 1Page - Tyco Electronics MABAES0022 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S 1617 G
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V1.0
1
Absolute Maximum Ratings
Parameter
Absolute Maximum
RF Power
250 mW
DC Current
30 mA
Operating Temperature
-20°C to +85°C
Storage Temperature
-20°C to +85°C
Functional Configuration
Function
Config 1 Pin No.
Config 2 Pin No.
Input
6
4
Output 1
1
3
Output 2
3
1
Ground
4
6
Not Connected
2,5
2,5
Typical Performance @ +25°C
Insertion Loss 1 & 2 (Reference Level –15.45dB)
Amplitude Imbalance
Phase Imbalance
MABAES0022
Input Return Loss
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
20
40
60
80
100
120
140
160
180
200
220
Frequency (MHz)
-16.0
-15.0
-14.0
-13.0
-12.0
-11.0
-10.0
-9.0
-8.0
-7.0
-6.0
5.0
55.0
105.0
155.0
205.0
Frequency (MHz)
Schematic For Config 1
When Pin 4 is
the I/P Pin 6 is
ground
And when Pin 6
is the I/P Pin 4 is
ground.
AMP 1
AMP 2
Note: Terminate unused output
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
20
40
60
80
100
120
140
160
180
200
220
Frequency (MHz)
PHASE 1
PHASE 2
-1 7.05
-1 6.85
-1 6.65
-1 6.45
-1 6.25
-1 6.05
-1 5.85
-1 5.65
-1 5.45
0
2 0
4 0
6 0
8 0
1 00
120
140
1 6 0
1 80
200
2 2 0
Fr e que nc y (M Hz)
INS 1
INS 2
Schematic For Config 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com