Electronic Components Datasheet Search
  English  ▼

X  

744383350056HT Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744383350056HT
Description  WE-MAPI SMT Power Inductor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744383350056HT Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744383350056HT Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383350056HT Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383350056HT Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383350056HT Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383350056HT Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383350056HT Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383350056HT Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383350056HT Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 744383350056HT Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Packaging Specification - Reel in Carton: [mm]
L IC
W
IC
LIC
(mm)
WIC
(mm)
HIC
(mm)
No. of
Reel (pcs.)
Qty.
(pcs.)
Material
Tolerance
typ.
typ.
typ.
Value
185,00
140,00
190,00
6
6000
Paper
Packaging Specification - Outer Carton: [mm]
L C
W
C
LC
(mm)
WC
(mm)
HC
(mm)
No. of
Inner Carton (pcs.)
Qty.
(pcs.)
Material
Tolerance
typ.
typ.
typ.
Value
390,00
295,00
215,00
4
24000
Paper
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
TRi
001.000
2024-02-27
DIN ISO 2768-1m
DESCRIPTION
WE-MAPI SMT Power Inductor
ORDER CODE
744383350056HT
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
3015HT
eiSos
Valid
5/9
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation, transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com