Electronic Components Datasheet Search
  English  ▼

X  

MADCSM0001 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MADCSM0001
Description  Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0001 Datasheet(HTML) 4 Page - Tyco Electronics

  MADCSM0001 Datasheet HTML 1Page - Tyco Electronics MADCSM0001 Datasheet HTML 2Page - Tyco Electronics MADCSM0001 Datasheet HTML 3Page - Tyco Electronics MADCSM0001 Datasheet HTML 4Page - Tyco Electronics MADCSM0001 Datasheet HTML 5Page - Tyco Electronics MADCSM0001 Datasheet HTML 6Page - Tyco Electronics MADCSM0001 Datasheet HTML 7Page - Tyco Electronics MADCSM0001 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Dual-Band/Triple-Mode Downconverter
869 - 893 MHz and 1930 - 1990 MHz
MADCSM0001
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
4
Conversion Gain (IF2)
Conversion Gain (IF1)
Input IP3 (IF1)
Input IP3 (IF2)
Noise Figure (IF1)
Noise Figure (IF2)
Typical Performance Curves - Cellular Frequency Band, LO = -8 dBm, VDD= 3.0 V
8
9
10
11
12
865
870
875
880
885
890
895
900
+25°C
-30°C
+85°C
Frequency (MHz)
8
9
10
11
12
865
870
875
880
885
890
895
900
+25°C
-30°C
+85°C
Frequency (MHz)
8
9
10
11
12
13
14
865
870
875
880
885
890
895
900
+25°C
-30°C
+85°C
Frequency (MHz)
6
7
8
9
10
865
870
875
880
885
890
895
900
+25°C
-30°C
+85°C
Frequency (MHz)
6
7
8
9
10
865
870
875
880
885
890
895
900
+25°C
-30°C
+85°C
Frequency (MHz)
8
9
10
11
12
13
14
865
870
875
880
885
890
895
900
+25°C
-30°C
+85°C
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com