Electronic Components Datasheet Search
  English  ▼

X  

NSTL Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSTL
Description  Screw Terminal Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSTL Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSTL Datasheet HTML 1Page - NIC-Components Corp. NSTL Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
161
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Voltage
(VDC)
Cap.
(
µF)
Tan
δ
Max.
Max.
Leakage
Current (
µA)
Max. Ripple Current
(Arms@85°C)
Case Size
120Hz
5KHz ~
D
L
P
350
1800
0.20
2381
7.75
10.85
51
98
21.8
2200
0.20
2632
8.73
12.22
51
118
21.8
2700
0.20
2916
9.79
13.70
51
138
21.8
3300
0.20
3224
10.8
15.12
51
148
21.8
3900
0.25
3504
12.9
18.06
64
119
28.2
4700
0.25
3847
14.3
20.02
64
139
28.2
4700
0.25
3847
16.0
22.40
77
101
31.4
5600
0.25
4200
17.8
24.92
77
121
31.4
6800
0.25
4628
19.8
27.72
77
141
31.4
8200
0.25
5000
21.8
30.52
77
151
31.4
8200
0.25
5000
25.8
36.12
90
121
31.4
10000
0.25
5000
28.8
40.32
90
141
31.4
400
1500
0.20
2323
6.86
9.60
51
98
21.8
1800
0.20
2545
7.65
10.71
51
118
21.8
2200
0.20
2814
8.57
11.99
51
138
21.8
2700
0.20
3117
9.50
13.30
51
148
21.8
3300
0.20
3446
11.5
16.10
64
119
28.2
3900
0.25
3746
12.7
17.78
64
139
28.2
4700
0.25
4113
15.8
22.12
77
121
31.4
5600
0.25
4489
17.5
24.50
77
141
31.4
6800
0.25
4947
19.2
26.88
77
151
31.4
6800
0.25
4947
22.9
32.06
90
121
31.4
8200
0.25
5000
25.5
35.70
90
141
31.4
450
1200
0.20
2204
6.53
9.14
51
98
21.8
1500
0.20
2464
7.43
10.40
51
118
21.8
1800
0.20
2700
8.25
11.55
51
138
21.8
2200
0.25
2984
10.1
14.14
64
119
28.2
2700
0.25
3306
11.3
15.82
64
139
28.2
3300
0.25
3655
12.5
17.50
64
149
28.2
3900
0.25
3974
15.3
21.42
77
121
31.4
4700
0.25
4362
17.0
23.80
77
141
31.4
4700
0.25
4362
20.5
28.70
90
121
31.4
6800
0.25
5000
24.7
34.58
90
141
31.4
Screw Terminal Aluminum Electrolytic Capacitors NSTL Series
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com