Electronic Components Datasheet Search
  English  ▼

X  

NSTLW Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSTLW
Description  Screw Terminal Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSTLW Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSTLW Datasheet HTML 1Page - NIC-Components Corp. NSTLW Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
179
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Voltage
(VDC)
Cap.
(
µF)
Tan
δ
Max.
Max.
Leakage
Current (
µA)
Max. Ripple Current
(Arms@105°C)
Case Size
120Hz
5KHz ~
D
L
P
350
1800
0.20
2381
5.51
7.71
51
98
21.8
2200
0.20
2632
6.20
8.68
51
118
21.8
2700
0.20
2916
6.95
9.73
51
138
21.8
3300
0.20
3224
8.41
11.77
51
148
21.8
3900
0.25
3504
9.18
12.85
64
119
28.2
4700
0.25
3847
10.20
14.28
64
139
28.2
4700
0.25
3847
11.40
15.96
77
101
31.4
5600
0.25
4200
12.60
17.64
77
121
31.4
6800
0.25
4628
14.10
19.74
77
141
31.4
8200
0.25
5000
18.30
25.62
77
151
31.4
10000
0.25
5000
20.40
28.56
90
141
31.4
400
1200
0.20
2078
4.69
6.56
51
98
21.8
1500
0.20
2323
5.33
7.46
51
118
21.8
1800
0.20
2545
5.80
8.12
51
118
21.8
2200
0.20
2814
6.49
9.08
51
138
21.8
2700
0.20
3117
8.00
11.20
51
148
21.8
3300
0.20
3446
8.90
12.46
64
139
28.2
3900
0.25
3746
9.69
13.56
64
149
28.2
4700
0.25
4113
12.00
16.80
77
121
31.4
5600
0.25
4489
13.20
18.48
77
141
31.4
6800
0.25
4947
18.00
25.20
90
141
31.4
8200
0.25
5000
19.50
27.30
90
151
31.4
450
1000
0.20
2012
4.26
5.96
51
98
21.8
1200
0.20
2204
4.75
6.65
51
98
21.8
1500
0.20
2464
5.27
7.37
51
118
21.8
1800
0.20
2700
5.86
8.20
51
138
21.8
1800
0.25
2700
6.36
8.90
64
99
28.2
2200
0.25
2984
7.16
10.02
64
119
28.2
2700
0.25
3306
8.02
11.22
64
139
28.2
3300
0.25
3655
8.88
12.43
64
149
28.2
3900
0.25
3974
10.10
14.14
77
121
31.4
4700
0.25
4362
12.10
16.94
77
141
31.4
4700
0.25
4362
14.60
20.44
90
121
31.4
5600
0.25
4762
16.20
22.68
90
141
31.4
6800
0.25
5000
17.80
24.92
90
141
31.4
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
Screw Terminal Aluminum Electrolytic CapacitorsNSTLW Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com