Electronic Components Datasheet Search
  English  ▼

X  

PLHS501 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PLHS501
Description  Programmable macro logic PML
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLHS501 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PLHS501 Datasheet HTML 4Page - NXP Semiconductors PLHS501 Datasheet HTML 5Page - NXP Semiconductors PLHS501 Datasheet HTML 6Page - NXP Semiconductors PLHS501 Datasheet HTML 7Page - NXP Semiconductors PLHS501 Datasheet HTML 8Page - NXP Semiconductors PLHS501 Datasheet HTML 9Page - NXP Semiconductors PLHS501 Datasheet HTML 10Page - NXP Semiconductors PLHS501 Datasheet HTML 11Page - NXP Semiconductors PLHS501 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLHS501/PLHS501I
Programmable macro logic
PML
™
October 22, 1993
10
MACRO CELL SPECIFICATIONS1 (Continued) (SNAP Resource Summary Designations in Parantheses)
Commercial:Tamb = 0°C to +75°C, 4.75V ≤ VCC ≤ 5.25V, CL = 30pF, R2 = 1000Ω, R1 = 470Ω
Industrial:
Tamb = –40°C to +85°C, 4.5V ≤ VCC ≤ 5.5V, CL = 30pF, R2 = 1000Ω, R1 = 470Ω
AND Output Buffer with 3-State Control
(NOU501)
Tri–Ctrl
In
Out
PARAMETER
LIMITS
SYMBOL
To
(Output)
From
(Input)
MIN
TYP
MAX
UNIT
tPHL
tPLH
Output
Output
In
In
8.0
8.0
11
11
13
13
ns
ns
tOE2
tOD2
Out
Out
Tri-Ctrl
Tri-Ctrl
8.5
8.5
15
12.5
18.5
17.0
ns
ns
Bidirectional and Output Pins: 19, 21, 22, 23, 15 – 18.
NAND Output Buffer
(OUT501)
In
Out
PARAMETER
LIMITS
SYMBOL
To
(Output)
From
(Input)
MIN
TYP
MAX
UNIT
tPHL
tPLH
Out
Out
In
In
8.5
8.5
14
14
17.5
16.0
ns
ns
Bidirectional Pins: 37 – 40.
Ex–OR Output Buffer
(EXO501)
Out
A
B
Tri–Ctrl
PARAMETER
LIMITS
SYMBOL
To
(Output)
From
(Input)
MIN
TYP
MAX
UNIT
tPHL
tPLH
Out
Out
A or B
A or B
8.5
8.5
14
14
17.5
16.0
ns
ns
tOE2
tOD2
Out
Out
Tri-Ctrl
Tri-Ctrl
8.5
8.5
15
12.5
18.5
17.0
ns
ns
Ex-OR Output Pins: 28 – 33.
NOTES:
1. Limits are guaranteed with internal feedback buffers simultaneously switching cumulative maximum of eight outputs.
2. For 3-State output; output enable times are tested with CL = 30pF to the 1.5V level, and S1 is open for high-impedance to High tests and
closed for high-impedance to Low tests. Output disable times are tested with CL = 5pF. High-to-High impedance tests are made to an output
voltage of VT = (VOH – 0.5V) with S1 open, and Low-to-High impedance tests are made to the VT = (VOL + 0.5V) level with S1 closed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com