Electronic Components Datasheet Search
  English  ▼

X  

AH115 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AH115
Description  쩍 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH115 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AH115 Datasheet HTML 1Page - WJ Communication. Inc. AH115 Datasheet HTML 2Page - WJ Communication. Inc. AH115 Datasheet HTML 3Page - WJ Communication. Inc. AH115 Datasheet HTML 4Page - WJ Communication. Inc. AH115 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 5
April 2006
AH115
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
1960 MHz Application Circuit (AH115-S8PCB1960)
Typical RF Performance at 25
qC
Frequency
1960 MHz
S21 – Gain
14.3 dB
S11 – Input Return Loss
-12 dB
S22 – Output Return Loss
-8 dB
Output P1dB
+28.3 dBm
Output IP3
(+11 dBm / tone, 1 MHz spacing)
+44 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+22.5 dBm
Noise Figure
5 dB
Device / Supply Voltage
+5 V
Quiescent Current
250 mA
S21 vs. Frequency
6
8
10
12
14
16
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
S11 vs. Freqency
-25
-20
-15
-10
-5
0
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
85°C
-40°C
S22 vs. Frequency
-25
-20
-15
-10
-5
0
1930
1940
1950
1960 1970 1980 1990
Frequency (MHz)
+25°C
+85°C
-40°C
Noise Figure vs. Frequency
0
1
2
3
4
5
6
7
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
P1 dB vs. Frequency
24
25
26
27
28
29
30
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
ACPR vs. Channel Power
IS-95, 9 ch,Fwd, ±885 KHz offset, 30 KHz Meas BW, 1960 MHz
-70
-65
-60
-55
-50
-45
-40
15 16 17 18 19 20 21 22 23 24
Output Channel Power (dBm)
+25°C
+85°C
-40°C
OIP3 vs. Output Power
freq=1960, 1961 MHz,+ 25°C
36
38
40
42
44
46
8
10
12
14
16
18
20
Output Power (dBm)
OIP3 vs. Frequency
+25°C, +11 dBm / tone
36
38
40
42
44
46
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
OIP3 vs. Temperature
freq=1960,1961 MHz, +11 dBm / tone
36
38
40
42
44
46
-40
-15
10
35
60
85
Temperature (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com