Electronic Components Datasheet Search
  English  ▼

X  

AP504 Datasheet(PDF) 5 Page - WJ Communication. Inc.

Part # AP504
Description  DCS-band 4W HBT Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP504 Datasheet(HTML) 5 Page - WJ Communication. Inc.

  AP504 Datasheet HTML 1Page - WJ Communication. Inc. AP504 Datasheet HTML 2Page - WJ Communication. Inc. AP504 Datasheet HTML 3Page - WJ Communication. Inc. AP504 Datasheet HTML 4Page - WJ Communication. Inc. AP504 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 5 of 5 April 2007
AP504
DCS-band 4W HBT Amplifier Module
Outline Drawing
2
3
4
5
6
1
AP504
Outline Drawing for the Heatsink with the
WJ Evaluation Board
Product Marking
The device will be marked with an “AP504” designator
with an alphanumeric lot code on the top surface of the
package noted as “ABCD” on the drawing.
A
manufacturing date will also be printed as “XXYY”, where
the “XX” represents the week number from 1 – 52.
The product will be shipped in tubes in multiples of 15.
ESD / MSL Information
ESD Rating: Class 1C
Value:
Passes at ≥ 1,000 to < 2,000 volts
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class III
Value:
Passes ≥ 500 to < 1,000 volts
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com