Electronic Components Datasheet Search
  English  ▼

X  

PLS153 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PLS153
Description  Programmable logic arrays 18 횞 42 횞 10
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS153 Datasheet(HTML) 6 Page - NXP Semiconductors

  PLS153 Datasheet HTML 1Page - NXP Semiconductors PLS153 Datasheet HTML 2Page - NXP Semiconductors PLS153 Datasheet HTML 3Page - NXP Semiconductors PLS153 Datasheet HTML 4Page - NXP Semiconductors PLS153 Datasheet HTML 5Page - NXP Semiconductors PLS153 Datasheet HTML 6Page - NXP Semiconductors PLS153 Datasheet HTML 7Page - NXP Semiconductors PLS153 Datasheet HTML 8Page - NXP Semiconductors PLS153 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS153/A
Programmable logic arrays
(18
× 42 × 10)
October 22, 1993
6
TIMING DIAGRAM
+3V
0V
VOH
VOL
I, B
B
tPD
1.5V
1.5V
1.5V
1.5V
1.5V
tOD
tOE
VT
SP00279
LOGIC PROGRAMMING
The PLS153/A is fully supported by industry
standard (JEDEC compatible) PLD CAD
tools, including Philips Semiconductors
SNAP, Data I/O’s ABEL
™ and Logical
Devices, Inc. CUPL
™ design software
packages.
All packages allow Boolean and state
equation entry formats. SNAP, ABEL and
CUPL also accept, as input, schematic
capture format.
PLS153/A logic designs can also be
generated using the program table entry
format detailed on the following page. This
program table entry format is supported by
the Philips Semiconductors SNAP PLD
design software package.
To implement the desired logic functions, the
state of each logic variable from logic
equations (I, B, O, P, etc.) is assigned a
symbol. The symbols for TRUE,
COMPLEMENT, INACTIVE, PRESET, etc.,
are defined below.
PROGRAMMING/SOFTWARE
SUPPORT
Refer to Section 9
(Development Software)
and Section 10
(Third-Party Programmer/
Software Support) of this data handbook for
additional information
OUTPUT POLARITY – (B)
CODE
ACTIVE LEVEL
LOW
(INVERTING)
L
CODE
ACTIVE LEVEL
HIGH1
(NON–INVERTING)
H
S
X
B
S
X
B
SP00280
AND ARRAY – (I, B)
CODE
O
STATE
INACTIVE1, 2
CODE
STATE
CODE
STATE
CODE
STATE
I, B
H
L
–
P, D
I, B
I, B
I, B
I, B
P, D
I, B
I, B
I, B
P, D
I, B
I, B
I, B
P, D
I, B
I, B
I, B
DON’T CARE
SP00281
ABEL is a trademark of Data I/O Corp.
CUPL is a trademark of Logical Devices, Inc.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com