Electronic Components Datasheet Search
  English  ▼

X  

ECG002 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ECG002
Description  InGaP HBT Gain Block
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECG002 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ECG002 Datasheet HTML 1Page - WJ Communication. Inc. ECG002 Datasheet HTML 2Page - WJ Communication. Inc. ECG002 Datasheet HTML 3Page - WJ Communication. Inc. ECG002 Datasheet HTML 4Page - WJ Communication. Inc. ECG002 Datasheet HTML 5Page - WJ Communication. Inc. ECG002 Datasheet HTML 6Page - WJ Communication. Inc. ECG002 Datasheet HTML 7Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 7 April 2007
ECG002
InGaP HBT Gain Block
Typical Device RF Performance
Supply Bias = +5 V, Rbias = 24 Ω
Ω
, Icc = 45 mA
Frequency
MHz
100
500
900
1900
2140
2400
3500
5800
S21
dB
21
20.6
20
19.5
18.7
18.2
16.4
13.3
S11
dB
-18
-17
-17
-15
-15
-15
-16
-19
S22
dB
-17
-17
-18
-20
-21
-22
-35
-16
Output P1dB
dBm
+15.4
+15.6
+15.5
+15
+15
+15
+14.5
+11
Output IP3
dBm
+28
+28
+29
+29
+29
+29
Noise Figure
dB
3.9
3.8
3.8
3.8
3.8
3.9
1. Test conditions: T = 25º C, Supply Voltage = +5 V, Device Voltage = +3.9 V, Rbias = 24 Ω, Icc = 45 mA typical, 50 Ω System.
2. 3OIP measured with two tones at an output power of -1 dBm/tone separated by 1 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule.
3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gainvs. Frequency
12
14
16
18
20
22
500
1000
1500
2000
2500
3000
Frequency(MHz)
+25C
-40C
+85C
S11, S22vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
0
1
2
3
4
5
6
Frequency(GHz)
S22
S11
Vde vs. Icc
0
20
40
60
80
100
120
3.00
3.20
3.40
3.60
3.80
4.00
4.20
4.40
Vde (V)
+25C
OIP3 vs. Frequency
24
26
28
30
32
500
1000
1500
2000
2500
3000
Frequency(MHz)
+25C
-40C
+85C
NoiseFigure vs. Frequency
2
2.5
3
3.5
4
4.5
500
1000
1500
2000
Frequency(MHz)
P1dBvs. Frequency
10
12
14
16
18
20
500
1000
1500
2000
2500
3000
Frequency(MHz)
+25C
-40C
+85C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com